Electronic Components Datasheet Search
  English  ▼

X  

AD8370 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8370
Description  LF to 750 MHz, Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8370 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8370 Datasheet HTML 8Page - Analog Devices AD8370 Datasheet HTML 9Page - Analog Devices AD8370 Datasheet HTML 10Page - Analog Devices AD8370 Datasheet HTML 11Page - Analog Devices AD8370 Datasheet HTML 12Page - Analog Devices AD8370 Datasheet HTML 13Page - Analog Devices AD8370 Datasheet HTML 14Page - Analog Devices AD8370 Datasheet HTML 15Page - Analog Devices AD8370 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD8370
Data Sheet
Rev. B | Page 12 of 28
50
55
60
65
70
75
80
85
64
48
16
32
0
80
96
112
128
GAIN CODE
HIGH GAIN
LOW GAIN
Figure 34. Supply Current vs. Gain Code
0
5
10
15
20
25
30
35
50
51
52
53
54
55
GAIN (V/V)
DATA FROM 136 PARTS
FROM ONE BATCH LOT
MEAN: 51.9
σ: 0.518
Figure 35. Distribution of Voltage Gain, HG127, 70 MHz, RL = 100 Ω
2.40
2.45
2.50
2.55
2.60
2.65
2.70
2.75
0
96
32
64
0
32
64
96
128
GAIN CODE
+25°C
+85°C
–40°C
LOW GAIN MODE
HIGH GAIN MODE
Figure 36. Common-Mode Output Voltage vs. Gain Code at
Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com