| Electronic Components Datasheet Search |
|
AD8370 Datasheet(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8370 Datasheet(HTML) 14 Page - Analog Devices |
|
14 / 28 page ![]() AD8370 Data Sheet Rev. B | Page 14 of 28 OUTPUT AMPLIFIER The output impedance is approximately 100 Ω differential and, like the input preamplifier, this impedance is formed using active circuit elements. See Figure 40 for a simplified schematic of the output interface. VCC/2 740 Ω OPHI/OPLO Figure 40. OPHI/OPLO Simplified Circuit The gain of the output amplifier, and thus the AD8370 as a whole, is load dependent. The following equation can be used to predict the gain deviation of the AD8370 from that at 100 Ω as the load is varied. LOAD R ion GainDeviat 98 1 98 1 + = . For example, if RLOAD is 1 kΩ, the gain is a factor of 1.80 (5.12 dB) above that at 100 Ω, all other things being equal. If RLOAD is 50 Ω, the gain is a factor of 0.669 (3.49 dB) below that at 100 Ω. DIGITAL INTERFACE AND TIMING The digital control port uses a standard TTL interface. The 8-bit control word is read in a serial fashion when the LTCH pin is held low. The levels presented to the DATA pin are read on each rising edge of the CLCK signal. Figure 41 illustrates the timing diagram for the control interface. Minimum values for timing parameters are presented in Table 4. Figure 42 is a simplified schematic of the digital input pins. DATA (PIN 14) CLCK (PIN 13) LTCH (PIN 12) TDS TES TEH MSB MSB-1 MSB-2 MSB-3 LSB LSB+1 LSB+2 LSB+3 TCK TPW Figure 41. Digital Timing Diagram Table 4. Serial Programming Timing Parameters Parameter Min Unit Clock Pulse Width (TPW) 25 ns Clock Period (TCK) 50 ns Setup Time Data vs. Clock (TDS) 10 ns Setup Time Latch vs. Clock (TES) 20 ns Hold Time Latch vs. Clock (TEH) 10 ns 10 µA CLCK/DATA/LTCH/PWUP Figure 42. Simplified Circuit for Digital Inputs VCC/2 75 Ω VOCM Figure 43. Simplified Circuit for VOCM Output |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |