Electronic Components Datasheet Search
  English  ▼

X  

AD8370 Datasheet(PDF) 28 Page - Analog Devices

Part # AD8370
Description  LF to 750 MHz, Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8370 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD8370 Datasheet HTML 20Page - Analog Devices AD8370 Datasheet HTML 21Page - Analog Devices AD8370 Datasheet HTML 22Page - Analog Devices AD8370 Datasheet HTML 23Page - Analog Devices AD8370 Datasheet HTML 24Page - Analog Devices AD8370 Datasheet HTML 25Page - Analog Devices AD8370 Datasheet HTML 26Page - Analog Devices AD8370 Datasheet HTML 27Page - Analog Devices AD8370 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
AD8370
Data Sheet
Rev. B | Page 28 of 28
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-153-ABT
16
9
8
1
EXPOSED
PAD
(Pins Up)
5.10
5.00
4.90
4.50
4.40
4.30
6.40
BSC
TOP
VIEW
BOTTOM VIEW
0.65 BSC
0.15
0.05
COPLANARITY
0.10
1.20 MAX
1.05
1.00
0.80
0.30
0.19
SEATING
PLANE
0.20
0.09
3.05
3.00 SQ
2.95
8°
0°
0.75
0.60
0.45
Figure 70. 16-Lead Thin Shrink Small Outline Package with Exposed Pad [TSSOP_EP]
(RE-16-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD8370ARE-REEL7
–40°C to +85°C
16-lead TSSOP_EP, 7”Tape and Reel
RE-16-2
AD8370AREZ
–40°C to +85°C
16-lead TSSOP_EP, Tube
RE-16-2
AD8370AREZ-RL7
–40°C to +85°C
16-lead TSSOP_EP, 7”Tape and Reel
RE-16-2
AD8370-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
© 2005-2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03692–0–12/11(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com