Electronic Components Datasheet Search
  English  ▼

X  

HA7210IP Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA7210IP
Description  10kHz to 10MHz, Low Power Crystal Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7210IP Datasheet(HTML) 5 Page - Intersil Corporation

  HA7210IP Datasheet HTML 1Page - Intersil Corporation HA7210IP Datasheet HTML 2Page - Intersil Corporation HA7210IP Datasheet HTML 3Page - Intersil Corporation HA7210IP Datasheet HTML 4Page - Intersil Corporation HA7210IP Datasheet HTML 5Page - Intersil Corporation HA7210IP Datasheet HTML 6Page - Intersil Corporation HA7210IP Datasheet HTML 7Page - Intersil Corporation HA7210IP Datasheet HTML 8Page - Intersil Corporation HA7210IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Crystal Selection
For general purpose applications, a Parallel Mode Crystal is
a good choice for use with the HA7210. However for
applications where a precision frequency is required, the
designer needs to consider other factors.
Crystals are available in two types or modes of oscillation,
Series and Parallel. Series Mode crystals are manufactured
to operate at a specified frequency with zero load
capacitance and appear as a near resistive impedance when
oscillating. Parallel Mode crystals are manufactured to
operate with a specific capacitive load in series, causing the
crystal to operate at a more inductive impedance to cancel
the load capacitor. Loading a crystal with a different
capacitance will “pull” the frequency off its value.
The HA7210 has 4 operating frequency ranges. The higher
three ranges do not add any loading capacitance to the
oscillator circuit. The lowest range, 10kHz to 100kHz,
automatically switches in two 15pF capacitors onto OSC IN
and OSC OUT to eliminate potential start-up problems.
These capacitors create an effective crystal loading
capacitor equal to the series combination of these two
capacitors. For the HA7210 in the lowest range, the effective
loading capacitance is 7.5pF. Therefore the choice for a
crystal, in this range, should be a Parallel Mode crystal that
requires a 7.5pF load.
In the higher 3 frequency ranges, the capacitance on OSC
IN and OSC OUT will be determined by package and layout
parasitics, typically 4 to 5pF. Ideally the choice for crystal
should be a Parallel Mode set for 2.5pF load. A crystal
manufactured for a different load will be “pulled” from its
nominal frequency (see Crystal Pullability).
Frequency Fine Tuning
Two Methods will be discussed for fine adjustment of the
crystal frequency. The first and preferred method (Figure 2),
provides better frequency accuracy and oscillator stability
than method two (Figure 3). Method one also eliminates
start-up problems sometimes encountered with 32kHz
tuning fork crystals.
For best oscillator performance, two conditions must be met:
the capacitive load must be matched to both the inverter and
crystal to provide ideal conditions for oscillation, and the
frequency of the oscillator must be adjustable to the desired
frequency. In Method two these two goals can be at odds
with each other; either the oscillator is trimmed to frequency
by de-tuning the load circuit, or stability is increased at the
expense of absolute frequency accuracy.
Method one allows these two conditions to be met
independently. The two fixed capacitors, C1 and C2, provide
the optimum load to the oscillator and crystal. C3 adjusts the
frequency at which the circuit oscillates without appreciably
changing the load (and thus the stability) of the system.
Once a value for C3 has been determined for the particular
type of crystal being used, it could be replaced with a fixed
capacitor. For the most precise control over oscillator
frequency, C3 should remain adjustable.
This three capacitor tuning method will be more accurate
and stable than method two and is recommended for 32kHz
tuning fork crystals; without it they may leap into an overtone
mode when power is initially applied.
Method two has been used for many years and may be
preferred in applications where cost or space is critical. Note
that in both cases the crystal loading capacitors are
connected between the oscillator and VDD; do not use VSS
as an AC ground. The Simplified Block Diagram shows that
the oscillating inverter does not directly connect to VSS but is
referenced to VDD and VRN. Therefore VDD is the best AC
ground available.
Typical values of the capacitors in Figure 2 are shown below.
Some trial and error may be required before the best
combination is determined. The values listed are total
capacitance including parasitic or other sources. Remember
that in the 10kHz to 100kHz frequency range setting the
HA7210 switches in two internal 15pF capacitors.
HA7210
+5V
VREG
C1
C2
XTAL
C3
2
OSC IN
3
OSC OUT
1
VDD
FIGURE 2.
+
-
CRYSTAL
FREQUENCY
LOAD CAPS
C1, C2
TRIMMER CAP
C3
32kHz
33pF
5pF to 50pF
1MHz
33pF
5pF to 50pF
2MHz
25pF
5pF to 50pF
4MHz
22pF
5pF to 100pF
HA7210
+
-
+5V
VREG
C1
C2
XTAL
2
OSC IN
3
OSC OUT
1
VDD
FIGURE 3.
HA7210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com