Electronic Components Datasheet Search
  English  ▼

X  

HA7210IP Datasheet(PDF) 10 Page - Intersil Corporation

Part # HA7210IP
Description  10kHz to 10MHz, Low Power Crystal Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7210IP Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HA7210IP Datasheet HTML 6Page - Intersil Corporation HA7210IP Datasheet HTML 7Page - Intersil Corporation HA7210IP Datasheet HTML 8Page - Intersil Corporation HA7210IP Datasheet HTML 9Page - Intersil Corporation HA7210IP Datasheet HTML 10Page - Intersil Corporation HA7210IP Datasheet HTML 11Page - Intersil Corporation HA7210IP Datasheet HTML 12Page - Intersil Corporation HA7210IP Datasheet HTML 13Page - Intersil Corporation HA7210IP Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FIGURE 23. DUTY CYCLE vs TEMPERATURE
FIGURE 24. DUTY CYCLE vs TEMPERATURE
FIGURE 25. DUTY CYCLE vs FREQUENCY
FIGURE 26. DUTY CYCLE vs FREQUENCY
FIGURE 27. DUTY CYCLE vs FREQUENCY
FIGURE 28. DUTY CYCLE vs FREQUENCY
Typical Performance Curves (Continued)
NOTE:
Refer to Test Circuit (Figure 1).
-100
-50
0
50
100
150
30
35
40
45
50
55
60
fIN = 5MHz, F1 = 0, F2 = 0, CL = 30pF, VDD = 5V
TEMPERATURE (oC)
XTAL AT 25
oC
GENERATOR (1VP-P) (NOTE)
-100
-50
0
50
100
150
10
20
30
40
50
60
70
fIN = 100kHz, F1 = 1, F2 = 1, CL = 30pF, VDD = 5V
TEMPERATURE (oC)
GENERATOR (1VP-P) (NOTE)
XTAL AT 25
oC
0
45
50
55
60
65
70
F1 = F2 = 0, VDD = 5V, CL = 18pF, C1 = C2 = 0
FREQUENCY (MHz)
15
20
510
DATA COLLECTED USING CRYSTALS
AT EACH FREQUENCY
F1 = 0, F2 = 0 RECOMMENDED FOR 5MHz TO 10MHz RANGE
0
45
50
55
60
65
70
F1 = 0, F2 = 1, VDD = 5V, CL = 18pF, C1 = C2 = 0
FREQUENCY (MHz)
79
46
123
58
40
F1 = 0, F2 = 1 RECOMMENDED FOR 1MHz TO 5MHz RANGE
DATA COLLECTED USING CRYSTALS
AT EACH FREQUENCY
0
40
45
50
55
60
65
F1 = 1, F2 = 0, VDD = 5V, CL = 18pF, C1 = C2 = 0
FREQUENCY (kHz)
1500
2000
500
1000
2500
3000
3500
F1 = 1, F2 = 0 RECOMMENDED FOR 100kHz TO 1MHz RANGE
DATA COLLECTED USING CRYSTALS
AT EACH FREQUENCY
0
42
43
44
45
46
47
F1 = F2 = 1, VDD = 5V, CL = 18pF, C1 = C2 = 0
FREQUENCY (kHz)
150
200
50
100
41
40
F1 = 1, F2 = 1 RECOMMENDED
FOR 10kHz TO 100kHz RANGE
DATA COLLECTED USING CRYSTALS
AT EACH FREQUENCY
HA7210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com