Electronic Components Datasheet Search
  English  ▼

X  

HA7210IP Datasheet(PDF) 6 Page - Intersil Corporation

Part # HA7210IP
Description  10kHz to 10MHz, Low Power Crystal Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7210IP Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HA7210IP Datasheet HTML 2Page - Intersil Corporation HA7210IP Datasheet HTML 3Page - Intersil Corporation HA7210IP Datasheet HTML 4Page - Intersil Corporation HA7210IP Datasheet HTML 5Page - Intersil Corporation HA7210IP Datasheet HTML 6Page - Intersil Corporation HA7210IP Datasheet HTML 7Page - Intersil Corporation HA7210IP Datasheet HTML 8Page - Intersil Corporation HA7210IP Datasheet HTML 9Page - Intersil Corporation HA7210IP Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Crystal Pullability
Figure 4 shows the basic equivalent circuit for a crystal and
its loading circuit.
Where:
CM = Motional Capacitance
LM = Motional Inductance
RM = Motional Resistance
C0 = Shunt Capacitance
If loading capacitance is connected to a Series Mode
Crystal, the new Parallel Mode frequency of resonance may
be calculated with the following equation:
Where:
fP = Parallel Mode Resonant Frequency
fS = Series Mode Resonant Frequency
In a similar way, the Series Mode resonant frequency may
be calculated from a Parallel Mode crystal and then you may
calculate how much the frequency will “pull” with a new load.
Layout Considerations
Due to the extremely low current (and therefore high
impedance) the circuit board layout of the HA7210 must be
given special attention. Stray capacitance should be
minimized. Keep the oscillator traces on a single layer of the
PCB. Avoid putting a ground plane above or below this layer.
The traces between the crystal, the capacitors, and the OSC
pins should be as short as possible. Completely surround
the oscillator components with a thick trace of VDD to
minimize coupling with any digital signals. The final
assembly must be free from contaminants such as solder
flux, moisture, or any other potential source of leakage. A
good solder mask will help keep the traces free of moisture
and contamination over time.
Further Reading
Al Little “HA7210 Low Power Oscillator: Micropower Clock
Oscillator and Op Amps Provide System Shutdown for Battery
Circuits”. Harris Semiconductor Application Note AN9317.
Robert Rood “Improving Start-Up Time at 32kHz for the
HA7210 Low Power Crystal Oscillator”. Harris Semiconductor
Application Note AN9334.
S. S. Eaton “Timekeeping Advances Through COS/MOS
Technology”. Harris Semiconductor Application Note
ICAN-6086.
E. A. Vittoz, et. al. “High-Performance Crystal Oscillator
Circuits: Theory and Application”. IEEE Journal of Solid-
State Circuits, Vol. 23, No. 3, June 1988, pp774-783.
M. A. Unkrich, et. al. “Conditions for Start-Up in Crystal
Oscillators”. IEEE Journal of Solid-State Circuits, Vol. 17,
No. 1, Feb. 1982, pp87-90.
Marvin E. Frerking “Crystal Oscillator Design and
Temperature Compensation”. New York: Van Nostrand-
Reinhold, 1978. Pierce Oscillators Discussed pp56-75.
C1
C2
2
OSC IN
3
OSC OUT
VDD
C0
CM
LM
RM
FIGURE 4.
C
CL
1
1
C
1
-------
1
C
2
-------
+


---------------------------
Equivalent Crystal Load
==
f
P
f
S 1
C
M
2C
0
C
CL
+
()
----------------------------------
+
=
HA7210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com