Electronic Components Datasheet Search
  English  ▼

X  

HC5503PRC Datasheet(PDF) 4 Page - Intersil Corporation

Part # HC5503PRC
Description  Low Cost SLIC For Large Telecom Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5503PRC Datasheet(HTML) 4 Page - Intersil Corporation

  HC5503PRC Datasheet HTML 1Page - Intersil Corporation HC5503PRC Datasheet HTML 2Page - Intersil Corporation HC5503PRC Datasheet HTML 3Page - Intersil Corporation HC5503PRC Datasheet HTML 4Page - Intersil Corporation HC5503PRC Datasheet HTML 5Page - Intersil Corporation HC5503PRC Datasheet HTML 6Page - Intersil Corporation HC5503PRC Datasheet HTML 7Page - Intersil Corporation HC5503PRC Datasheet HTML 8Page - Intersil Corporation HC5503PRC Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
UNCOMMITTED OP AMP SPECIFICATIONS
Input Offset Voltage
-
±5-
mV
Input Offset Current
-
±10
-
nA
Input Bias Current
-20-
nA
Differential Input Resistance
(Note 4)
-
1
-
M
Ω
Output Voltage Swing
RL = 10K, VB+ = 5V
-
±3-
VPEAK
Output Resistance
AVCL = 1 (Note 4)
-
10
-
Ω
Small Signal GBW
(Note 4)
-
1
-
MHz
NOTES:
3. ILONG = Longitudinal Current
4. These parameters are controlled by design or process parameters and are not directly tested. These parameters are characterized upon initial
design release, upon design changes which would affect these characteristics, and at intervals to assure product quality and specification
compliance.
Electrical Specifications
Unless Otherwise Specified, VB- = -48V, VB+ = 5V, AG = BG = DG = 0V, RP = 50Ω, RS = 100Ω, Typical
Parameters. TA = 25
oC. Min-Max Parameters are Over Operating Temperature Range (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Pin Descriptions
28 PIN
PLCC
24 PIN
DIP/SOIC
SYMBOL
DESCRIPTION
2
1
TIP
An analog input connected to the TIP (more positive) side of the subscriber loop through a sense resistor
(RS) and a ring relay contact. Functions with the Ring terminal to receive voice signals from the telephone
and for loop monitoring purposes.
3
2
RING
An analog input connected to the RING (more negative) side of the subscriber loop through a sense resistor
(RS) and a ring relay contact. Functions with the Tip terminal to receive voice signals from the telephone and
for loop monitoring purposes.
4
3
RFS
Senses ring side of loop for ground key and ring trip detection. During ringing, the ring signal is inserted into
the line at this node and RF is isolated from RFS via a relay.
54
VB+
Positive Voltage Source - Most positive supply. VB+ is typically.
65
C1
Capacitor #1 - An external capacitor to be connected between this terminal and analog ground. Required
for proper operation of the loop current limiting function, and for filtering VB-. Typical value is 0.3µF, 30V.
7
6
DG
Digital Ground - To be connected to zero potential and serves as a reference for all digital inputs and outputs
on the SLIC microcircuit.
9
7
RS
Ring Synchronization Input - A TTL - compatible clock input. The clock should be arranged such that a
positive pulse transition occurs on the zero crossing of the ring voltage source, as it appears at the RFS
terminal. For Tip side injected systems, the RS pulse should occur on the negative going zero crossing and
for Ring injected systems, on the positive going zero crossing. This ensures that the ring relay activates and
deactivates when the instantaneous ring voltage is near zero. If synchronization is not required, the pin
should be tied to 5V.
10
8
RD
Relay Driver - A low active open collector logic output. When enabled, the external ring relay is energized.
11
9
TF
Tip Feed - A low impedance analog output connected to the TIP terminal through a sense resistor (RS).
Functions with the RF terminal to provide loop current, feed voice signals to the telephone set, and sink
longitudinal current.
12
10
RF
Ring Feed - A low impedance analog output connected to the RING terminal through a sense resistor (RS).
Functions with the TF terminal to provide loop current, feed voice signals to the telephone set, and sink
longitudinal current.
13
11
VB-
Negative Voltage Source - Most negative supply. VB- is typically -48V with an operational range of -42V to
-58V. Frequently referred to as “battery”.
14
12
BG
Battery Ground - To be connected to zero potential. All loop current and some quiescent current flows into
this ground terminal.
16
13
SHD
Switch Hook Detection - A low active LS TTL - compatible logic output. This output is enabled for loop
currents exceeding the switch hook threshold.
17
14
NC
Used during production test. Leave disconnected.
HC5503PRC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com