Electronic Components Datasheet Search
  English  ▼

X  

HC5503PRC Datasheet(PDF) 5 Page - Intersil Corporation

Part # HC5503PRC
Description  Low Cost SLIC For Large Telecom Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5503PRC Datasheet(HTML) 5 Page - Intersil Corporation

  HC5503PRC Datasheet HTML 1Page - Intersil Corporation HC5503PRC Datasheet HTML 2Page - Intersil Corporation HC5503PRC Datasheet HTML 3Page - Intersil Corporation HC5503PRC Datasheet HTML 4Page - Intersil Corporation HC5503PRC Datasheet HTML 5Page - Intersil Corporation HC5503PRC Datasheet HTML 6Page - Intersil Corporation HC5503PRC Datasheet HTML 7Page - Intersil Corporation HC5503PRC Datasheet HTML 8Page - Intersil Corporation HC5503PRC Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Functional Diagram
18
15
PD
Power Denial - A low active TTL - Compatible logic input. When enabled, the ring feed voltage collapses to
the tip feed voltage (~4V). The DC feed is disabled, but the AC transmission is maintained. The switch hook
detect (SHD) is not necessarily valid, and the relay driver (RD) output is disabled.
19
16
RC
Ring Command - A low active TTL - Compatible logic input. When enabled, the relay driver (RD) output goes
low on the next high level of the ring sync (RS) input, as long as the SLIC is not in the power denial state
(PD = 0) or the subscriber is not already off- hook (SHD = 0).
20
17
NC
Leave disconnected.
21
18
OUT
The analog output of the spare operational amplifier.
23
19
-IN
The inverting analog input of the spare operational amplifier.
24
20
+IN
The non-inverting analog input of the spare operational amplifier.
25
21
RX
Receive Input, Four Wire Side - A high impedance analog input which is internally biased. Capacitive
coupling to this input is required. AC signals appearing at this input differentially drive the Tip feed and Ring
feed terminals.
26
22
C2
Capacitor #2 - An external capacitor to be connected between this terminal and analog ground. This
capacitor is required for the proper operation of ring trip detection. Recommended value 0.82
µF ±10% 10V
non-polarized.
27
23
AG
Analog Ground - To be connected to zero potential and serves as a reference for the transmit output (TX)
and receive input (RX) terminals.
28
24
TX
Transmit Output, Four Wire Side - A low impedance analog output proportional to the loop current.
Transhybrid balancing must be performed beyond this output to completely implement two to four wire
conversion. This output is unbalanced and referenced to analog ground. Since the DC level of this output
varies with loop current, capacitive coupling to the next stage is essential.
1, 8, 15, 22
NC
No internal connection.
NOTE: All grounds (AG, BG, and DG) must be applied before VB+orVB-. Failure to do so may result in premature failure of the part. If a user wishes
to run separate grounds off a line card, the AG must be applied first.
Pin Descriptions (Continued)
28 PIN
PLCC
24 PIN
DIP/SOIC
SYMBOL
DESCRIPTION
+
DIFF
AMP
+
OP
AMP
LOOP
MONITORING
RING
CONTROL
2-WIRE
LOOP
SECONDARY
PROTECTION
LINE
DRIVERS
TIP
RING
VB-
VB-
PD
POWER DENIAL
RP
RING
RS
RF
BG
TF
TIP
RD
RC
RS
RING SYNC
RING COMMAND
RING
TRIP
SHD
TX
TRANSMIT
OUTPUT
OUT
+IN
-IN
RX
RECEIVE
INPUT
SLIC MICROCIRCUIT
1/2 RING
RELAY
VB-
RING
VOLTAGE
RFS
1/2 RING
RELAY
RS
SWITCH HOOK
DETECTION
-1
+1
BATTERY
FEED
LOOP
CURRENT
LIMITER
RP
RS: SENSE RESISTOR
RP: PROTECTION RESISTOR
HC5503PRC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com