Electronic Components Datasheet Search
  English  ▼

X  

HC5503PRC Datasheet(PDF) 1 Page - Intersil Corporation

Part # HC5503PRC
Description  Low Cost SLIC For Large Telecom Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5503PRC Datasheet(HTML) 1 Page - Intersil Corporation

  HC5503PRC Datasheet HTML 1Page - Intersil Corporation HC5503PRC Datasheet HTML 2Page - Intersil Corporation HC5503PRC Datasheet HTML 3Page - Intersil Corporation HC5503PRC Datasheet HTML 4Page - Intersil Corporation HC5503PRC Datasheet HTML 5Page - Intersil Corporation HC5503PRC Datasheet HTML 6Page - Intersil Corporation HC5503PRC Datasheet HTML 7Page - Intersil Corporation HC5503PRC Datasheet HTML 8Page - Intersil Corporation HC5503PRC Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
File Number
4806
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999
HC5503PRC
Low Cost SLIC For Large Telecom
Switches
The HC5503PRC is a low cost SLIC optimized for large
Telecom switches. It combines a flexible voltage feed
architecture with the Intersil latch-free DI bonded wafer
process, to provide a low component count, carrier class
solution at very low cost. The re-configurable design permits
simple, economical solutions for campus-wide call center
and PBX applications. External components can be used in
conjunction with the high battery voltage capability to meet
the complex impedance and long loop drive requirements of
Central Office switches, worldwide.
Features
• Wide Operating Battery Range (-40V to -58V)
• Single Additional +5V Supply
• 30mA Short Loop Current Limit
• Ring Relay Driver
• Switch Hook and Ring Trip Detect
• Low On-Hook Power Consumption
• On-Hook Transmission
• ITU-T Longitudinal Balance Performance
• Loop Power Denial Function
• Thermal Protection
• Supports Tip, Ring or Balanced Ringing Schemes
• Low Profile SO and PLCC Surface Mount Packaging
Applications
• Central Office, PBX, Call Centers
• Related Literature
- AN571, Using Ring Sync with HC-5502A and HC-5504
SLICs
Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HC5503PRCM
0 to 70
28 Ld PLCC
N28.45
HC5503PRCB
0 to 70
24 Ld SOIC
M24.3
RD
RFS
TIP
TF
RING
RF
VBAT
VCC
BGND
DGND
TX
RX
SHD
RS
RC
PD
RING RELAY
DRIVER
4-WIRE
INTERFACE
VF SIGNAL
PATH
LOOP CURRENT
DETECTOR
BIAS
LOGIC
INTERFACE
RING TRIP
DETECTOR
2-WIRE
INTERFACE
C1
C2
AGND
THERMAL LIMIT
-
+
OUT
+IN
-IN
Data Sheet
December 1999


Similar Part No. - HC5503PRC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5503PRC INTERSIL-HC5503PRC Datasheet
257Kb / 11P
Low Cost SLIC For Large Telecom Switches
June 2004
HC5503PRC INTERSIL-HC5503PRC Datasheet
260Kb / 11P
Low Cost SLIC For Large Telecom Switches
June 2004
logo
Renesas Technology Corp
HC5503PRC RENESAS-HC5503PRC Datasheet
633Kb / 11P
Low Cost SLIC For Large Telecom Switches
June 2004
logo
Intersil Corporation
HC5503PRCB INTERSIL-HC5503PRCB Datasheet
257Kb / 11P
Low Cost SLIC For Large Telecom Switches
June 2004
HC5503PRCB INTERSIL-HC5503PRCB Datasheet
260Kb / 11P
Low Cost SLIC For Large Telecom Switches
June 2004
More results

Similar Description - HC5503PRC

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
Low-Cost Ringing SLIC
October 2001
logo
Clare, Inc.
TS120 CLARE-TS120 Datasheet
121Kb / 8P
Multifunction Telecom Switches
logo
Intersil Corporation
HC5503PRI INTERSIL-HC5503PRI Datasheet
279Kb / 8P
Low Cost SLIC For Large Telecom Switches
November 2, 2004
HC5503 INTERSIL-HC5503 Datasheet
774Kb / 17P
Low Cost 24V SLIC For PABX / Key Systems
June 2004
logo
List of Unclassifed Man...
AG1110 ETC1-AG1110 Datasheet
437Kb / 10P
LOW COST SLIC
logo
Intersil Corporation
HC5503PRC INTERSIL-HC5503PRC_04 Datasheet
257Kb / 11P
Low Cost SLIC For Large Telecom Switches
June 2004
HC5503PRCB INTERSIL-HC5503PRCB Datasheet
260Kb / 11P
Low Cost SLIC For Large Telecom Switches
June 2004
logo
Silver Telecom 2019
AG1110 SILVERTEL-AG1110 Datasheet
144Kb / 11P
LOW COST SLIC
logo
Renesas Technology Corp
HC5503 RENESAS-HC5503 Datasheet
846Kb / 17P
Low Cost 24V SLIC For PABX/Key Systems
June 2004
HC5503PRC RENESAS-HC5503PRC Datasheet
633Kb / 11P
Low Cost SLIC For Large Telecom Switches
June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com