Electronic Components Datasheet Search
  English  ▼

X  

HC5515IP Datasheet(PDF) 10 Page - Intersil Corporation

Part # HC5515IP
Description  ITU CO/PABX SLIC with Low Power Standby
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5515IP Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HC5515IP Datasheet HTML 6Page - Intersil Corporation HC5515IP Datasheet HTML 7Page - Intersil Corporation HC5515IP Datasheet HTML 8Page - Intersil Corporation HC5515IP Datasheet HTML 9Page - Intersil Corporation HC5515IP Datasheet HTML 10Page - Intersil Corporation HC5515IP Datasheet HTML 11Page - Intersil Corporation HC5515IP Datasheet HTML 12Page - Intersil Corporation HC5515IP Datasheet HTML 13Page - Intersil Corporation HC5515IP Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
64
For applications where the 2-wire impedance (ZTR,
Equation 15) is chosen to equal the line impedance (ZL), the
expression for A4-2 simplifies to:
(AC) 4-Wire to 4-Wire Gain
The 4-wire to 4-wire gain is equal to VTX/VRX.
From Equations 9, 10 and 11 with EG = 0:
Transhybrid Circuit
The purpose of the transhybrid circuit is to remove the
receive signal (VRX) from the transmit signal (VTX), thereby
preventing an echo on the transmit side. This is
accomplished by using an external op amp (usually part of
the CODEC) and by the inversion of the signal from the
4-wire receive port (RSN) to the 4-wire transmit port (VTX).
Figure 16 shows the transhybrid circuit. The input signal will
be subtracted from the output signal if I1 equals I2. Node
analysis yields the following equation:
The value of ZB is then:
Where VRX/VTX equals 1/ A4-4.
Therefore:
Example:
Given: RTX = 20kΩ, ZRX = 280kΩ, ZT = 562kΩ (standard
value), RF = 20Ω and Z = 600Ω,
The value of ZB = 18.7kΩ
Supervisory Functions
The loop current and the ring trip detector outputs are
multiplexed to a single logic output pin called DET. See Table
1 to determine the active detector for a given logic input. For
further discussion of the logic circuitry see section titled
“Digital Logic Inputs”.
Before proceeding with an explanation of the loop current
detector and the longitudinal impedance, it is important to
understand the difference between a “metallic” and
“longitudinal” loop currents. Figure 17 illustrates 3 different
types of loop current encountered.
Case 1 illustrates the metallic loop current. The definition of
a metallic loop current is when equal currents flow out of tip
and into ring. Loop current is a metallic current.
VTX
RSN
TIP
RING
IM
ZTR
VTR
EG
VTX
IM
1000
VTX
ZRX
1
HC5515
RF
RF
A = 4
+
-
+
-
+
-
+
-
ZT
+
-
VRX
+
-
A = 250
A = 250
IM
ZL
FIGURE 15. SIMPLIFIED AC TRANSMISSION CIRCUIT
A
42
–
Z
T
Z
RX
-----------
–
1
2
---
•
=
(EQ. 19)
A
44
–
V
TX
V
RX
-----------
Z
T
Z
RX
-----------
–
Z
L
2R
F
+
Z
T
1000
-------------
2R
F
Z
L
++
--------------------------------------------
•
==
(EQ. 20)
V
TX
R
TX
-----------
V
RX
Z
B
-----------
+
0
=
(EQ. 21)
Z
B
R
–
TX
V
RX
V
TX
-----------
•
=
(EQ. 22)
Z
B
R
TX
Z
RX
Z
T
-----------
•
Z
T
1000
-------------
2R
F
Z
L
++
Z
L
2R
F
+
--------------------------------------------
•
=
(EQ. 23)
HC5515
VTX
RSN
RTX
RFB
CODEC/
FILTER
I1
I2
VTX
ZRX
ZT
+
-
ZB
VRX
+
-
+
-
FIGURE 16. TRANSHYBRID CIRCUIT
HC5515



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com