Electronic Components Datasheet Search
  English  ▼

X  

HC5515IP Datasheet(PDF) 12 Page - Intersil Corporation

Part # HC5515IP
Description  ITU CO/PABX SLIC with Low Power Standby
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5515IP Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HC5515IP Datasheet HTML 8Page - Intersil Corporation HC5515IP Datasheet HTML 9Page - Intersil Corporation HC5515IP Datasheet HTML 10Page - Intersil Corporation HC5515IP Datasheet HTML 11Page - Intersil Corporation HC5515IP Datasheet HTML 12Page - Intersil Corporation HC5515IP Datasheet HTML 13Page - Intersil Corporation HC5515IP Datasheet HTML 14Page - Intersil Corporation HC5515IP Datasheet HTML 15Page - Intersil Corporation HC5515IP Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
66
Longitudinal Impedance
The feedback loop described in Figure 19(A, B) realizes the
desired longitudinal impedances from tip to ground and from
ring to ground. Nominal longitudinal impedance is resistive
and in the order of 22
Ω.
In the presence of longitudinal currents this circuit
attenuates the voltages that would otherwise appear at the
tip and ring terminals, to levels well within the common mode
range of the SLIC. In fact, longitudinal currents may exceed
the programmed DC loop current without disturbing the
SLIC’s VF transmission capabilities.
The function of this circuit is to maintain the tip and ring
voltages symmetrically around VBAT/2, in the presence of
longitudinal currents. The differential transconductance
amplifiers GT and GR accomplish this by sourcing or sinking
the required current to maintain VC at VBAT/2.
When a longitudinal current is injected onto the tip and ring
inputs, the voltage at VC moves from it’s equilibrium value
VBAT/2. When VC changes by the amount DVC, this change
appears between the input terminals of the differential
transconductance amplifiers GT and GR. The output of GT
and GR are the differential currents DI1 and DI2, which in
turn feed the differential inputs of current sources IT and IR
respectively. IT and IR have current gains of 250 single
ended and 500 differentially, thus leading to a change in IT
and IR that is equal to 500(DI) and 500(DI2).
The circuit shown in Figure 19(B) illustrates the tip side of
the longitudinal network. The advantages of a differential
input current source are: improved noise since the noise due
to current source 2IO is now correlated, power savings due
to differential current gain and minimized offset error at the
Operational Amplifier inputs via the two 5k
Ω resistors.
Digital Logic Inputs
Table 1 is the logic truth table for the TTL compatible logic
input pins. The HC5515 has an enable input pin (E0) and
two control inputs pins (C1, C2).
The enable pin E0 is used to enable or disable the DET
output pin. The DET pin is enabled if E0 is at a logic level 0
and disabled if E0 is at a logic level 1.
A combination of the control pins C1 and C2 is used to
select 1 of the 4 possible operating states. A description of
each operating state and the control logic follow:
Open Circuit State (C1 = 0, C2 = 0)
In this state the SLIC is effectively off. All detectors and
both the tip and ring line drive amplifiers are powered
down, presenting a high impedance to the line. Power
dissipation is at a minimum.
Active State (C1 = 0, C2 = 1)
The tip output is capable of sourcing loop current and for
open circuit conditions is about -4V from ground. The ring
output is capable of sinking loop current and for open circuit
conditions is about VBAT +4V. VF signal transmission is
normal. The loop current detector is active, E0 determines if
the detector is gated to the DET output.
TIP
RING
HC5515
RRT
VBAT
ERG
R3
R4
R2
R1
DR
DT
RING TRIP
COMPARATOR
DET
CRT
RINGRLY
RING
RELAY
+
-
FIGURE 18. RING TRIP CIRCUIT FOR BATTERY BACKED
RINGING
TIP
RING
VBAT/2
GT
GR
∆I1
∆I1
∆I2
∆I2
IT
IR
RLARGE
RLARGE
∆VT
+
-
ILONG
ILONG
HC5515
ILONG
ILONG
∆VR
+
-
VC
+
-
VBAT/2
VC
RLARGE
RLARGE
TIP
RING
5k
Ω
5k
Ω
20
Ω
+
-
2I0
∆I1
∆I1
TIP CURRENT SOURCE
WITH DIFFERENTIAL INPUTS
TIP DIFFERENTIAL
TRANSCONDUCTANCE
AMPLIFIER
FIGURE 19A.
FIGURE 19B.
FIGURE 19. LONGITUDINAL IMPEDANCE NETWORK
HC5515



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com