Electronic Components Datasheet Search
  English  ▼

X  

HC5515IP Datasheet(PDF) 14 Page - Intersil Corporation

Part # HC5515IP
Description  ITU CO/PABX SLIC with Low Power Standby
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5515IP Datasheet(HTML) 14 Page - Intersil Corporation

Back Button HC5515IP Datasheet HTML 9Page - Intersil Corporation HC5515IP Datasheet HTML 10Page - Intersil Corporation HC5515IP Datasheet HTML 11Page - Intersil Corporation HC5515IP Datasheet HTML 12Page - Intersil Corporation HC5515IP Datasheet HTML 13Page - Intersil Corporation HC5515IP Datasheet HTML 14Page - Intersil Corporation HC5515IP Datasheet HTML 15Page - Intersil Corporation HC5515IP Datasheet HTML 16Page - Intersil Corporation HC5515IP Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
68
Notes
2. Overload Level (Two-Wire port) - The
overload
level
is
specified at the 2-wire port (VTR0) with the signal source at the
4-wire receive port (ERX). IDCMET = 30mA, RSG =4kΩ,
increase the amplitude of ERX until 1% THD is measured at
VTRO. Reference Figure 1.
3. Longitudinal Impedance - The
longitudinal
impedance
is
computed using the following equations, where TIP and RING
voltages are referenced to ground. LZT,LZR,VT,VR,AR and
AT are defined in Figure 2.
(TIP) LZT = VT/AT,
(RING) LZR = VR/AR,
where: EL = 1VRMS (0Hz to 100Hz).
4. Longitudinal Current Limit (Off-Hook Active) - Off-Hook
(Active, C1 =1,C2 = 0) longitudinal current limit is determined
by increasing the amplitude of EL (Figure 3A) until the 2-wire
longitudinal balance drops below 45dB. DET pin remains low
(no false detection).
5. Longitudinal Current Limit (On-Hook Standby) - On-Hook
(Active, C1 =1,C2 = 1) longitudinal current limit is determined
by increasing the amplitude of EL (Figure 3B) until the 2-wire
longitudinal balance drops below 45dB. DET pin remains high
(no false detection).
6. Longitudinal to Metallic Balance - The longitudinal to metallic
balance is computed using the following equation:
BLME = 20
• log (EL/VTR), where: EL and VTR are defined in
Figure 4.
7. Metallic to Longitudinal FCC Part 68, Para 68.310 - The
metallic to longitudinal balance is defined in this spec.
8. Longitudinal to Four-Wire Balance - The longitudinal to 4-wire
balance is computed using the following equation:
BLFE = 20
• log (EL/VTX),: EL and VTX are defined in Figure 4.
9. Metallic to Longitudinal Balance - The metallic to longitudi-
nal balance is computed using the following equation:
BMLE = 20
• log (ETR/VL), ERX = 0,
where: ETR,VL and ERX are defined in Figure 5.
10. Four-Wire to Longitudinal Balance - The 4-wire to longitudinal
balance is computed using the following equation:
BFLE = 20
• log (ERX/VL), ETR = source is removed.
where: ERX,VL and ETR are defined in Figure 5.
11. Two-Wire Return Loss - The 2-wire return loss is computed
using the following equation:
r = -20
• log (2VM/VS).
where: ZD = The desired impedance; e.g., the characteristic
impedance of the line, nominally 600
Ω. (Reference Figure 6).
12. Overload Level (4-Wire port) - The overload level is specified
at the 4-wire transmit port (VTXO) with the signal source (EG)at
the 2-wire port, IDCMET = 23mA, ZL = 20kΩ,RSG =4kΩ (Refer-
ence Figure 7). Increase the amplitude of EG until 1% THD is
measured at VTXO. Note that the gain from the 2-wire port to
the 4-wire port is equal to 1.
13. Output Offset Voltage - The output offset voltage is specified
with the following conditions: EG =0,IDCMET = 23mA, ZL = ∞
and is measured at VTX.EG,IDCMET,VTX and ZL are defined
in Figure 7. Note: IDCMET is established with a series 600Ω
resistor between tip and ring.
14. Two-Wire to Four-Wire (Metallic to VTX) Voltage Gain - The
2-wire to 4-wire (metallic to VTX) voltage gain is computed
using the following equation.
G2-4 =(VTX/VTR), EG = 0dBm0, VTX,VTR, and EG are defined
in Figure 7.
15. Current Gain RSN to Metallic - The current gain RSN to
Metallic is computed using the following equation:
K=IM [(RDC1 +RDC2)/(VRDC -VRSN)] K, IM,RDC1,RDC2,
VRDC and VRSN are defined in Figure 8.
16. Two-Wire to Four-Wire Frequency Response - The 2-wire to
4-wire frequency response is measured with respect to
EG = 0dBm at 1.0kHz, ERX =0V, IDCMET = 23mA. The fre-
quency response is computed using the following equation:
F2-4 =20 • log (VTX/VTR), vary frequency from 300Hz to
3.4kHz and compare to 1kHz reading.
VTX, VTR, and EG are defined in Figure 9.
17. Four-Wire to Two-Wire Frequency Response - The 4-wire to
2-wire frequency response is measured with respect to
ERX = 0dBm at 1.0kHz, EG =0V, IDCMET = 23mA. The
frequency response is computed using the following equation:
F4-2 =20 • log (VTR/ERX), vary frequency from 300Hz to
3.4kHz and compare to 1kHz reading.
VTR and ERX are defined in Figure 9.
18. Four-Wire to Four-Wire Frequency Response - The
4-wire
to 4-wire frequency response is measured with respect to
ERX = 0dBm at 1.0kHz, EG =0V, IDCMET = 23mA. The
frequency response is computed using the following equation:
F4-4 =20 • log (VTX/ERX), vary frequency from 300Hz to
3.4kHz and compare to 1kHz reading.
VTX and ERX are defined in Figure 9.
19. Two-Wire to Four-Wire Insertion Loss - The 2-wire to 4-wire
insertion loss is measured with respect to EG = 0dBm at 1.0kHz
input signal, ERX =0,IDCMET = 23mA and is computed using
the following equation:
L2-4 = 20 • log (VTX/VTR)
where: VTX,VTR, and EG are defined in Figure 9. (Note: The
fuse resistors, RF, impact the insertion loss. The specified
insertion loss is for RF = 0).
20. Four-Wire to Two-Wire Insertion Loss - The 4-wire to 2-wire
insertion loss is measured based upon ERX = 0dBm, 1.0kHz
input signal, EG =0,IDCMET = 23mA and is computed using
the following equation:
L4-2 = 20 • log (VTR/ERX),
where: VTR and ERX are defined in Figure 9.
21. Two-Wire to Four-Wire Gain Tracking - The 2-wire to 4-wire
gain tracking is referenced to measurements taken for
EG = -10dBm, 1.0kHz signal, ERX =0,IDCMET = 23mA and is
computed using the following equation.
G2-4 =20 • log (VTX/VTR) vary amplitude -40dBm to +3dBm, or
-55dBm to -40dBm and compare to -10dBm reading.
VTX and VTR are defined in Figure 9.
22. Four-Wire to Two-Wire Gain Tracking - The 4-wire to 2-wire
gain tracking is referenced to measurements taken for
HC5515



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com