Electronic Components Datasheet Search
  English  ▼

X  

AD9806 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9806
Description  Complete 10-Bit 18 MSPS CCD Signal Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9806 Datasheet(HTML) 4 Page - Analog Devices

  AD9806 Datasheet HTML 1Page - Analog Devices AD9806 Datasheet HTML 2Page - Analog Devices AD9806 Datasheet HTML 3Page - Analog Devices AD9806 Datasheet HTML 4Page - Analog Devices AD9806 Datasheet HTML 5Page - Analog Devices AD9806 Datasheet HTML 6Page - Analog Devices AD9806 Datasheet HTML 7Page - Analog Devices AD9806 Datasheet HTML 8Page - Analog Devices AD9806 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
–4–
AD9806–SPECIFICATIONS
AUX-MODE SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
POWER CONSUMPTION
Normal (D-Reg 00)
50
mW
High-Speed (D-Reg 01)
95
mW
MAXIMUM CLOCK RATE
Normal (D-Reg 00)
18
MHz
High-Speed (D-Reg 01)
28.6
MHz
PGA (Gain Selected through Serial Interface F-Reg)
Max Input Range
700
mV p-p
Max Output Range
1000
mV p-p
Gain Control Resolution
7
Bits
Gain Range
Min Gain (Code 128)
–2
dB
Max Gain (Code 255)
15
dB
ACTIVE CLAMP
Clamp Level (Selected through Serial Interface E-Reg)
CLP0 (E-Reg 00)
32
LSB
CLP1 (E-Reg 01)
48
LSB
CLP2 (E-Reg 10)
64
LSB
CLP3 (E-Reg 11)
16
LSB
TIMING SPECIFICATIONS
1
Pipeline Delay
9
Cycles
Internal Clock Delay (tID)
Output Delay (tOD)
14.5
16
ns
Output Hold Time (tHOLD)7
ns
NOTES
120 pF loading; timing shown in Figure 2.
Specifications subject to change without notice.
AUXMID-MODE SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
POWER CONSUMPTION
50
mW
MAXIMUM CLOCK RATE
18
MHz
PGA (Gain Selected through Serial Interface F-Reg)
Max Input Range
700
mV p-p
Max Output Range
1000
mV p-p
Gain Control Resolution
9
Bits
Gain Range (See Figure 5b for Gain Curve)
Min Gain (Code 512)
–4
dB
Max Gain (Code 1023)
14
dB
MIDSCALE OFFSET LEVEL (AT MAX PGA GAIN)
462
512
562
LSB
TIMING SPECIFICATIONS1
Pipeline Delay
9
Cycles
Internal Clock Delay (tID)
Output Delay (tOD)
14.5
16
ns
Output Hold Time (tHOLD)7
ns
NOTES
120 pF loading; timing shown in Figure 2.
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = DVDD = 3.0 V, fADCCLK = 18 MHz, unless otherwise noted.)
(TMIN to TMAX, AVDD = DVDD = 3.0 V, fADCCLK = 18 MHz, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com