Electronic Components Datasheet Search
  English  ▼

X  

AD9806 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9806
Description  Complete 10-Bit 18 MSPS CCD Signal Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9806 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9806 Datasheet HTML 4Page - Analog Devices AD9806 Datasheet HTML 5Page - Analog Devices AD9806 Datasheet HTML 6Page - Analog Devices AD9806 Datasheet HTML 7Page - Analog Devices AD9806 Datasheet HTML 8Page - Analog Devices AD9806 Datasheet HTML 9Page - Analog Devices AD9806 Datasheet HTML 10Page - Analog Devices AD9806 Datasheet HTML 11Page - Analog Devices AD9806 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. 0
AD9806
–9–
SERIAL INTERFACE SPECIFICATIONS
MODES21
SDATA
SELECT
DAC2
DAC1
PGA
MODES
A0
0
A1
1
A2
0
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
e0
e1
d0
d1
c0
c1
b0
b1
a0
a1
CLAMP
LEVEL
POWER-DOWN
MODES
CLOCK
MODES
OUTPUT
MODES
OPERATION
MODES
f0
f1
f2
f3
f4
f5
f6
f7
f8
f9
PGA GAIN LEVEL SELECTION
g0
g1
g2
g3
g4
g5
g6
g7
h0
h1
h2
h3
h4
h5
h6
h7
m0
0*
j0
DAC1 INPUT
DAC2 INPUT
OPERATION AND
POWER-DOWN MODES
SHIFT REGISTER
F-REG
f0–f9
E-REG
e0–e1
D-REG
(d) POWER-DOWN MODES
d0–d1
C-REG
c0–c1
B-REG
b0–b1
A-REG
(a) OPERATION MODES
a0–a1
(b) OUTPUT MODES
(c) CLOCK MODES
(e) CLAMP LEVEL
(f) PGA GAIN
M-REG
m0
J-REG
j0
H-REG
h0–h7
G-REG
(g) DAC1 INPUT
g0–g7
(h) DAC2 INPUT
(j) EVEN-ODD OFFSET
CORRECTION
(m) DAC1 AND DAC2
POWER-DOWN
SELECT
*NOTE: MODES2 REGISTER BIT D1 MUST BE SET TO ZERO
DON'T
CARE
1
11
1
1
1
10
0
0
0
0
Figure 7. AD9806 Internal Register Map
RISING EDGE
TRIGGERED
tDH
tLS
tLH
REGISTER LOADED ON
RISING EDGE
RNW
A0
A1
A2
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
SDATA
SCK
SL
tDS
Figure 8. Serial WRITE Operation
SDATA
RNW
A0
A1
A2
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
XX
XX
DUMMY BITS
IGNORED
SCK
SL
Figure 9. 16-Bit Serial WRITE Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com