Electronic Components Datasheet Search
  English  ▼

X  

AD9831 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9831
Description  DIRECT DIGITAL SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9831 Datasheet(HTML) 1 Page - Analog Devices

  AD9831 Datasheet HTML 1Page - Analog Devices AD9831 Datasheet HTML 2Page - Analog Devices AD9831 Datasheet HTML 3Page - Analog Devices AD9831 Datasheet HTML 4Page - Analog Devices AD9831 Datasheet HTML 5Page - Analog Devices AD9831 Datasheet HTML 6Page - Analog Devices AD9831 Datasheet HTML 7Page - Analog Devices AD9831 Datasheet HTML 8Page - Analog Devices AD9831 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9831
© Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel:
Fax:
FEATURES
3 V/5 V Power Supply
25 MHz Speed
On-Chip SINE Look-Up Table
On-Chip 10-Bit DAC
Parallel Loading
Powerdown Option
72 dB SFDR
125 mW (5 V) Power Consumption
40 mW (3 V) Power Consumption
48-Pin
APPLICATIONS
DDS Tuning
Digital Demodulation
GENERAL DESCRIPTION
This DDS device is a numerically controlled oscillator employ-
ing a phase accumulator, a sine look-up table and a 10-bit D/A
converter integrated on a single CMOS chip. Modulation
capabilities are provided for phase modulation and frequency
modulation.
Clock rates up to 25 MHz are supported. Frequency accuracy
can be controlled to one part in 4 billion. Modulation is effected
by loading registers through the parallel microprocessor
interface.
A powerdown pin allows external control of a powerdown
mode. The part is available in a 48-pin
package.
FUNCTIONAL BLOCK DIAGRAM
RESET
SLEEP
IOUT
COMP
REFIN
FS ADJUST
REFOUT
AGND
AVDD
DGND
DVDD
MCLK
D0
FSELECT
D15
WR
A0
A1
A2
PSEL0
PSEL1
12
Σ
AD9831
ON-BOARD
REFERENCE
10-BIT DAC
PHASE0 REG
PHASE1 REG
PHASE2 REG
PHASE3 REG
TRANSFER CONTROL
MPU INTERFACE
FULL-SCALE
CONTROL
SIN
ROM
PHASE
ACCUMULATOR
(32-BIT)
MUX
FREQ0 REG
FREQ1 REG
MUX
PARALLEL REGISTER
REV. B
DIRECT DIGITAL SYNTHESIZER,
WAVEFORM GENERATOR
2011
781.329.4700
781.461.3113
Similar DDS products can be found at
http://www.analog.com/DDS.
LQFP
LQFP


Similar Part No. - AD9831

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9831 AD-AD9831 Datasheet
172Kb / 16P
CMOS Complete DDS
REV.A
AD9831 AD-AD9831 Datasheet
540Kb / 16P
DIRECT DIGITAL SYNTGESIZER WAVEFORM GENERATOR
REV. B
AD9831AST AD-AD9831AST Datasheet
172Kb / 16P
CMOS Complete DDS
REV.A
AD9831ASTZ AD-AD9831ASTZ Datasheet
540Kb / 16P
DIRECT DIGITAL SYNTGESIZER WAVEFORM GENERATOR
REV. B
AD9831ASTZ-REEL AD-AD9831ASTZ-REEL Datasheet
540Kb / 16P
DIRECT DIGITAL SYNTGESIZER WAVEFORM GENERATOR
REV. B
More results

Similar Description - AD9831

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45314 INTERSIL-HSP45314 Datasheet
118Kb / 14P
CommLinkTM Direct Digital Synthesizer
2000 05
HSP45314 INTERSIL-HSP45314_01 Datasheet
332Kb / 14P
CommLinkTM Direct Digital Synthesizer
January 2001
ISL5314 INTERSIL-ISL5314_05 Datasheet
292Kb / 16P
Direct Digital Synthesizer
July 28, 2005
ISL5314 INTERSIL-ISL5314 Datasheet
284Kb / 17P
Direct Digital Synthesizer
January 19, 2010
logo
Analog Devices
AD9830 AD-AD9830_15 Datasheet
446Kb / 16P
DIRECT DIGITAL SYNTHESIZER
REV. B
logo
Renesas Technology Corp
ISL5314 RENESAS-ISL5314 Datasheet
729Kb / 17P
Direct Digital Synthesizer
logo
Analog Devices
AD9859 AD-AD9859_17 Datasheet
522Kb / 24P
CMOS Direct Digital Synthesizer
1/2017-Rev. A to Rev. B
AD9910 AD-AD9910_16 Datasheet
1Mb / 64P
CMOS Direct Digital Synthesizer
10/2016-Rev. D to Rev. E
AD9913 AD-AD9913_17 Datasheet
723Kb / 32P
CMOS Direct Digital Synthesizer
11/2017-Rev. B to Rev. C
logo
Renesas Technology Corp
HSP45314 RENESAS-HSP45314 Datasheet
1Mb / 14P
CommLinkTM Direct Digital Synthesizer
Jan 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com