Electronic Components Datasheet Search
  English  ▼

X  

AD9831 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9831
Description  DIRECT DIGITAL SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9831 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9831 Datasheet HTML 7Page - Analog Devices AD9831 Datasheet HTML 8Page - Analog Devices AD9831 Datasheet HTML 9Page - Analog Devices AD9831 Datasheet HTML 10Page - Analog Devices AD9831 Datasheet HTML 11Page - Analog Devices AD9831 Datasheet HTML 12Page - Analog Devices AD9831 Datasheet HTML 13Page - Analog Devices AD9831 Datasheet HTML 14Page - Analog Devices AD9831 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD9831
–11–
MCLK cycle introduced otherwise. When these inputs change
value, there will be a pipeline delay before control is transferred
to the selected register—there will be a pipeline delay before the
analog output is controlled by the selected register. There is a
similar delay when a new word is written to a register. PSEL0,
PSEL1, FSELECT and WR have latencies of six MCLK cycles.
The flow chart in Figure 22 shows the operating routine for the
AD9831. When the AD9831 is powered up, the part should be
reset using RESET. This will reset the phase accumulator to
zero so that the analog output is at midscale. RESET does not
reset the phase and frequency registers. These registers will
contain invalid data and, therefore, should be set to zero by the
user.
The registers to be used should be loaded, the analog output
being fMCLK/2
32
× FREG where FREG is the value loaded into
the selected frequency register. This signal will be phase shifted
by the amount specified in the selected phase register (2
π/4096
× PHASEREG where PHASEREG is the value contained in the
selected phase register). When FSELECT, PSEL0 and PSEL1
are programmed, there will be a pipeline delay of approximately
6 MCLK cycles before the analog output reacts to the change
on these inputs.
DATA WRITE
FREG<0, 1> = 0
PHASEREG<0, 1, 2, 3> = 0
DATA WRITE
FREG<0> = fOUT0/fMCLK*2
32
FREG<1> = fOUT1/fMCLK*2
32
SELECT DATA SOURCES
SET FSELECT
SET PSEL0, PSEL1
DAC OUTPUT
VOUT = VREFIN*6.25*ROUT/RSET*(1 + SIN(2π(FREG*fMCLK*t/232 + PHASEREG/212)))
WAIT 6 MCLK CYCLES
CHANGE PHASE?
CHANGE FOUT?
CHANGE FREG?
YES
CHANGE PHASEREG?
CHANGE PSEL0, PSEL1
YES
NO
NO
YES
NO
YES
NO
RESET
PHASEREG<3:0> = DELTA PHASE<0, 1, 2, 3>
CHANGE FSELECT
Figure 22. Flow Chart for AD9831 Initialization and Operation
DSP and MPU Interfacing
The AD9831 has a parallel interface, with 16 bits of data being
loaded during each write cycle.
The frequency or phase registers are loaded by asserting the WR
signal. The destination register for the 16 bit data is selected
using the address inputs A0, A1 and A2. The phase registers
are 12 bits wide so, only the 12 LSBs need to be valid—the
4 MSBs of the 16 bit word do not have to contain valid data.
Data is loaded into the AD9831 by pulsing WR low, the data
being latched into the AD9831 on the rising edge of WR. The
values of inputs A0, A1 and A2 are also latched into the
AD9831 on the WR rising edge. The appropriate destination
register is updated on the next MCLK rising edge. If the WR
rising edge coincides with the MCLK rising edge, there is an
uncertainty of one MCLK cycle regarding the loading of the
destination register—the destination register may be loaded
immediately or the destination register may be updated on the
next MCLK rising edge. To avoid any uncertainty, the times
listed in the specifications should be complied with.
FSELECT, PSEL0 and PSEL1 are sampled on the MCLK
rising edge. Again, these inputs should be valid when an
MCLK rising edge occurs as there will be an uncertainty of one
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com