Electronic Components Datasheet Search
  English  ▼

X  

AD9831 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9831
Description  DIRECT DIGITAL SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9831 Datasheet(HTML) 3 Page - Analog Devices

  AD9831 Datasheet HTML 1Page - Analog Devices AD9831 Datasheet HTML 2Page - Analog Devices AD9831 Datasheet HTML 3Page - Analog Devices AD9831 Datasheet HTML 4Page - Analog Devices AD9831 Datasheet HTML 5Page - Analog Devices AD9831 Datasheet HTML 6Page - Analog Devices AD9831 Datasheet HTML 7Page - Analog Devices AD9831 Datasheet HTML 8Page - Analog Devices AD9831 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD9831
–3–
TIMING CHARACTERISTICS (V
DD = +3.3 V
10%, +5 V
10%; AGND = DGND = 0 V, unless otherwise noted)
Limit at
TMIN to TMAX
Parameter
(A Version)
Units
Test Conditions/Comments
t1
40
ns min
MCLK Period
t2
16
ns min
MCLK High Duration
t3
16
ns min
MCLK Low Duration
t4*
8
ns min
WR
Rising Edge to MCLK Rising Edge
t4A*
8
ns min
WR
Rising Edge After MCLK Rising Edge
t5
8
ns min
WR
Pulse Width
t6
t1
ns min
Duration between Consecutive WR Pulses
t7
5
ns min
Data/Address Setup Time
t8
3
ns min
Data/Address Hold Time
t9*
8
ns min
FSELECT, PSEL0, PSEL1 Setup Time Before MCLK Rising Edge
t9A*
8
ns min
FSELECT, PSEL0, PSEL1 Setup Time After MCLK Rising Edge
t10
t1
ns min
RESET
Pulse Duration
*See Pin Description section.
Guaranteed by design but not production tested.
t
1
t
4
MCLK
WR
t
2
t
3
t
4A
t
6
t
5
Figure 2. Clock Synchronization Timing
A0, A1, A2
DATA
WR
t
8
t
5
t
7
t
6
VALID DATA
VALID DATA
Figure 3. Parallel Timing
VALID DATA
VALID DATA
VALID DATA
MCLK
FSELECT
PSEL0, PSEL1
RESET
t
9
t
10
t
9A
Figure 4. Control Timing
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com