Electronic Components Datasheet Search
  English  ▼

X  

AD9835 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9835
Description  50 MHz Direct Digital Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9835 Datasheet(HTML) 1 Page - Analog Devices

  AD9835 Datasheet HTML 1Page - Analog Devices AD9835 Datasheet HTML 2Page - Analog Devices AD9835 Datasheet HTML 3Page - Analog Devices AD9835 Datasheet HTML 4Page - Analog Devices AD9835 Datasheet HTML 5Page - Analog Devices AD9835 Datasheet HTML 6Page - Analog Devices AD9835 Datasheet HTML 7Page - Analog Devices AD9835 Datasheet HTML 8Page - Analog Devices AD9835 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
50 MHz Direct Digital Synthesizer,
Waveform Generator
Data Sheet
AD9835
FEATURES
5 V power supply
50 MHz speed
On-chip COS lookup table
On-chip, 10-bit DAC
Serial loading
Power-down option
Temperature range: −40°C to +85°C
200 mW power consumption
16-Lead TSSOP
APPLICATIONS
Frequency stimulus/waveform generation
Frequency phase tuning and modulation
Low power RF/communications systems
Liquid and gas flow measurement
Sensory applications: proximity, motion, and defect
detection
Test and medical equipment
GENERAL DESCRIPTION
The AD9835 is a numerically-controlled oscillator employing
a phase accumulator, a COS lookup table, and a 10-bit digital-
to-analog converter integrated on a single CMOS chip. Modu-
lation capabilities are provided for phase modulation and
frequency modulation.
Clock rates of up to 50 MHz are supported. Frequency accuracy
can be controlled to one part in 4 billion. Modulation is effected
by loading registers through the serial interface. A power-down
bit allows the user to power down the AD9835 when it is not in
use; the power consumption reduces to 1.75 mW.
This part is available in a 16-lead TSSOP package.
Similar DDS products can be found at
http://www.analog.com/DDS.
FUNCTIONAL BLOCK DIAGRAM
IOUT
COMP
REFIN
FS ADJUST
REFOUT
AGND
AVDD
DGND
DVDD
MCLK
PSEL0 PSEL1
12
AD9835
ON-BOARD
REFERENCE
10-BIT DAC
PHASE0 REG
PHASE1 REG
PHASE2 REG
PHASE3 REG
FULL-SCALE
CONTROL
COS
ROM
PHASE
ACCUMULATOR
(32 BIT)
FREQ0 REG
FREQ1 REG
16-BIT DATA REGISTER
SYNC
FSELECT
FSELECT
BIT
SELSRC
SYNC
8 LSBs
8 MSBs
DECODE LOGIC
FSYNC
SCLK
SDATA
SERIAL REGISTER
CONTROL REGISTER
FSELECT/PSEL REGISTER
DEFER REGISTER
SYNC
SYNC
SELSRC
PSEL0
BIT
PSEL1
BIT
MUX
MUX
MUX
Figure 1.
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1998–2011 Analog Devices, Inc. All rights reserved.


Similar Part No. - AD9835

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9835 AD-AD9835 Datasheet
160Kb / 16P
50 MHz CMOS Complete DDS
REV.0
AD9835BRU AD-AD9835BRU Datasheet
160Kb / 16P
50 MHz CMOS Complete DDS
REV.0
AD9835BRU AD-AD9835BRU Datasheet
701Kb / 28P
50 MHz Direct Digital Synthesizer, Waveform Generator
REV. A
AD9835BRU-REEL AD-AD9835BRU-REEL Datasheet
701Kb / 28P
50 MHz Direct Digital Synthesizer, Waveform Generator
REV. A
AD9835BRU-REEL7 AD-AD9835BRU-REEL7 Datasheet
701Kb / 28P
50 MHz Direct Digital Synthesizer, Waveform Generator
REV. A
More results

Similar Description - AD9835

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5314 INTERSIL-ISL5314_05 Datasheet
292Kb / 16P
Direct Digital Synthesizer
July 28, 2005
ISL5314 INTERSIL-ISL5314 Datasheet
284Kb / 17P
Direct Digital Synthesizer
January 19, 2010
logo
Analog Devices
AD9832 AD-AD9832_13 Datasheet
527Kb / 28P
25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
AD9835BRUZ AD-AD9835BRUZ Datasheet
701Kb / 28P
50 MHz Direct Digital Synthesizer, Waveform Generator
REV. A
AD9830 AD-AD9830_15 Datasheet
446Kb / 16P
DIRECT DIGITAL SYNTHESIZER
REV. B
AD9831 AD-AD9831_15 Datasheet
540Kb / 16P
DIRECT DIGITAL SYNTHESIZER
REV. B
AD9832 AD-AD9832_15 Datasheet
527Kb / 28P
25 MHz Direct Digital Synthesizer
Rev. E
logo
Renesas Technology Corp
ISL5314 RENESAS-ISL5314 Datasheet
729Kb / 17P
Direct Digital Synthesizer
logo
Analog Devices
AD9859 AD-AD9859_17 Datasheet
522Kb / 24P
CMOS Direct Digital Synthesizer
1/2017-Rev. A to Rev. B
AD9910 AD-AD9910_16 Datasheet
1Mb / 64P
CMOS Direct Digital Synthesizer
10/2016-Rev. D to Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com