Electronic Components Datasheet Search
  English  ▼

X  

AD9835 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9835
Description  50 MHz Direct Digital Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9835 Datasheet(HTML) 3 Page - Analog Devices

  AD9835 Datasheet HTML 1Page - Analog Devices AD9835 Datasheet HTML 2Page - Analog Devices AD9835 Datasheet HTML 3Page - Analog Devices AD9835 Datasheet HTML 4Page - Analog Devices AD9835 Datasheet HTML 5Page - Analog Devices AD9835 Datasheet HTML 6Page - Analog Devices AD9835 Datasheet HTML 7Page - Analog Devices AD9835 Datasheet HTML 8Page - Analog Devices AD9835 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD9835
Rev. A | Page 3 of 28
SPECIFICATIONS
VDD = +5 V ± 5%; AGND = DGND = 0 V; TA = TMIN to TMAX; REFIN = REFOUT; RSET = 3.9 kΩ; RLOAD = 300 Ω for IOUT, unless otherwise
noted. Also, see Figure 2.
Table 1.
Parameter1
Min
Typ
Max
Units
Test Conditions/Comments
SIGNAL DAC SPECIFICATIONS
Resolution
10
Bits
Update Rate (fMAX)
50
MSPS
IOUT Full Scale
4
mA
4.75
mA
Output Compliance
1.35
V
DC Accuracy
Integral Nonlinearity
±1
LSB
Differential Nonlinearity
±0.5
LSB
DDS SPECIFICATIONS2
Dynamic Specifications
Signal-to-Noise Ratio
50
dB
fMCLK = 50 MHz, fOUT = 1 MHz
Total Harmonic Distortion
−52
dBc
fMCLK = 50 MHz, fOUT = 1 MHz
Spurious Free Dynamic Range (SFDR)3
fMCLK = 6.25 MHz, fOUT = 2.11 MHz
Narrow Band (±50 kHz)
−72
dBc
Wide Band (±2 MHz)
−50
dBc
Clock Feedthrough
−60
dBc
Wake-Up Time
1
ms
Power-Down Option
Yes
VOLTAGE REFERENCE
Internal Reference @ +25° C
1.21
V
TMIN to TMAX
1.131
1.29
V
REFIN Input Impedance
10
MΩ
Reference TC
100
ppm/°C
REFOUT Output Impedance
300
Ω
LOGIC INPUTS
VINH, Input High Voltage
DVDD − 0.9
V
VINL, Input Low Voltage
0.9
V
IINH, Input Current
10
μA
CIN, Input Capacitance
10
pF
POWER SUPPLIES
fMCLK = 50 MHz
AVDD
4.75
5.25
V min/V max
DVDD
4.75
5.25
V min/V max
IAA
5
mA max
IDD
2.5 +
0.33/MHz
mA typ
IAA + IDD4
40
mA max
Low Power Sleep Mode
0.35
mA max
1 Operating temperature range is as follows: B Version: −40°C to +85°C.
2 100% production tested.
3 fMCLK = 6.25 MHz, Frequency Word = 5671C71C HEX, fOUT = 2.11 MHz.
4 Measured with the digital inputs static and equal to 0 V or DVDD. The AD9835 is tested with a capacitive load of 50 pF. The part can be operated with higher capacitive
loads, but the magnitude of the analog output will be attenuated. See Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com