Electronic Components Datasheet Search
  English  ▼

X  

UPC1862GS Datasheet(PDF) 12 Page - NEC

Part # UPC1862GS
Description  BURST LOCK CLOCK GENERATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1862GS Datasheet(HTML) 12 Page - NEC

Back Button UPC1862GS Datasheet HTML 8Page - NEC UPC1862GS Datasheet HTML 9Page - NEC UPC1862GS Datasheet HTML 10Page - NEC UPC1862GS Datasheet HTML 11Page - NEC UPC1862GS Datasheet HTML 12Page - NEC UPC1862GS Datasheet HTML 13Page - NEC UPC1862GS Datasheet HTML 14Page - NEC UPC1862GS Datasheet HTML 15Page - NEC UPC1862GS Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12
µPC1862
(7/12)
Pin No.
Symbol
Pin Name
Equivalent Circuit
Function
19
N/P
NTSC/PAL selection
NTSC/PAL system selection input
When NTSC system: Low level
input
When PAL system: High level
input
20
VSO
Vertical Sync Output
Negative polarity vertical sync
output
21
FIO
Field ID Output
Odd/Even field ID output
When Odd ID: Low level output
When Even ID: High level output
When a input is non-standard
signal, this pin outputs an
indefiniteness.
22
CPO
Clamp Pulse Output
Pedestal Clamp pulse (burst gate
pulse) output
CVCC3
(pin 15)
100 A
19
5 k
Ω
16 k
Ω
2.0 V
µ
SVCC (pin 25)
40 k
Ω
1 k
Ω
20
SVCC (pin 25)
40 k
Ω
1 k
Ω
21
SVCC (pin 25)
40 k
Ω
1 k
Ω
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com