Electronic Components Datasheet Search
  English  ▼

X  

AD9877 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9877
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9877 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9877 Datasheet HTML 5Page - Analog Devices AD9877 Datasheet HTML 6Page - Analog Devices AD9877 Datasheet HTML 7Page - Analog Devices AD9877 Datasheet HTML 8Page - Analog Devices AD9877 Datasheet HTML 9Page - Analog Devices AD9877 Datasheet HTML 10Page - Analog Devices AD9877 Datasheet HTML 11Page - Analog Devices AD9877 Datasheet HTML 12Page - Analog Devices AD9877 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
AD9877
Rev. B | Page 9 of 36
Pin No.
Mnemonic
Description
59
DGNDOSC
Oscillator Digital Ground.
62
DVDDOSC
Oscillator Digital 3.3 V Supply.
66
DVDDSD
Σ-Δ Digital 3.3 V Supply.
69
DGNDSD
Σ-Δ Digital Ground.
73
AVDDIQ
8-Bit ADC Analog 3.3 V Supply.
74, 77, 80
AGNDIQ
8-Bit ADC Analog Ground.
83, 88, 91, 96, 99
AGND
12-Bit ADC Analog Ground.
4:15
IF[11:0]
12-Bit ADC Digital Output.
16:19
RxIQ[3:0]
Muxed I and Q ADC Output.
20
RxSYNC
Sync Output, IF, I, and Q ADCs.
23
MCLK
Master Clock Output.
26
TxSYNC
Sync Input for Transmit Port.
27:32
TxIQ[5:0]
Digital Input for Transmit Port.
35, 36
PROFILE[1:0]
Profile Selection Inputs.
37
RESET
Chip Reset Input.
41
SCLK
SPORT Clock.
42
CS
SPORT Chip Select.
43
SDIO
SPORT Data I/O.
44
SDO
SPORT Data Output.
47
PWRDN
Power-Down Transmit Path.
48
REFIO
TxDAC Decoupling (to AGND).
49
FSADJ
DAC Output Adjust (External Resistor).
51, 52
Tx−, Tx+
Tx Path Complementary Outputs.
57
PLLFILT
PLL Loop Filter Connection.
60
XTAL
Crystal Oscillator Inverse Output.
61
OSCIN
Oscillator Clock Input.
63
CA_CLK
Serial Clock to Cable Driver.
64
CA_DATA
Serial Data to Cable Driver.
65
CA_EN
Serial Enable to Cable Driver.
67
SDELTA1
Σ-Δ Output Stream1.
68
SDELTA0
Σ-Δ Output Stream0.
71
REFCLK
Programmable Reference Clock Output.
75, 76, 89, 90, 100
NC
No Connect (Leave Floating).
78, 79
I IN−, I IN+
Differential Input to I ADC.
81, 82
Q IN−, Q IN+
Differential Input to Q ADC.
85
REFB8
8-Bit ADC Decoupling Node.
86
REFT8
8-Bit ADC Decoupling Node.
93
REFB12
12-Bit ADC Decoupling Node.
94
REFT12
12-Bit ADC Decoupling Node.
97, 98
IF12−, IF12+
Differential Input to IF ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com