Electronic Components Datasheet Search
  English  ▼

X  

AD9991 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9991
Description  10-Bit CCD Signal Processor with Precision Timing Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9991 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9991_15 Datasheet HTML 9Page - Analog Devices AD9991_15 Datasheet HTML 10Page - Analog Devices AD9991_15 Datasheet HTML 11Page - Analog Devices AD9991_15 Datasheet HTML 12Page - Analog Devices AD9991_15 Datasheet HTML 13Page - Analog Devices AD9991_15 Datasheet HTML 14Page - Analog Devices AD9991_15 Datasheet HTML 15Page - Analog Devices AD9991_15 Datasheet HTML 16Page - Analog Devices AD9991_15 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
AD9991
–13–
HORIZONTAL CLAMPING AND BLANKING
The AD9991’s horizontal clamping and blanking pulses are fully
programmable to suit a variety of applications. Individual control
is provided for CLPOB, PBLK, and HBLK during the different
regions of each field. This allows the dark pixel clamping and
blanking patterns to be changed at each stage of the readout in
order to accommodate different image transfer timing and high
speed line shifts.
Individual CLPOB and PBLK Patterns
The AFE horizontal timing consists of CLPOB and PBLK, as
shown in Figure 9. These two signals are independently pro-
grammed using the registers in Table III. SPOL is the start
polarity for the signal, and TOG1 and TOG2 are the first and
second toggle positions of the pulse. Both signals are active low
and should be programmed accordingly.
A separate pattern for CLPOB and PBLK may be programmed
for each 10 V-sequence. As described in the Vertical Timing Gen-
eration section, up to 10 separate V-sequences can be created,
each containing a unique pulse pattern for CLPOB and PBLK.
Figure 9 shows how the sequence change positions divide the
readout field into different regions. A different V-Sequence can be
assigned to each region, allowing the CLPOB and PBLK signals
to be changed accordingly with each change in the vertical timing.
Individual HBLK Patterns
The HBLK programmable timing shown in Figure 10 is simi-
lar to CLPOB and PBLK. However, there is no start polarity
control. Only the toggle positions are used to designate the start
and stop positions of the blanking period. Additionally, there is a
polarity control HBLKMASK that designates the polarity of the
horizontal clock signals H1–H4 during the blanking period. Set-
ting HBLKMASK high will set H1 = H3 = Low and H2 = H4 =
High during the blanking, as shown in Figure 11. As with the
CLPOB and PBLK signals, HBLK registers are available in each
V-sequence, allowing different blanking signals to be used with
different vertical timing sequences.
(3)
(2)
(1)
HD
CLPOB
PBLK
. . .
NOTES
PROGRAMMABLE SETTINGS:
(1) START POLARITY (CLAMP AND BLANK REGION ARE ACTIVE LOW)
(2) FIRST TOGGLE POSITION
(3) SECOND TOGGLE POSITION
ACTIVE
ACTIVE
Figure 9. Clamp and Pre-Blank Pulse Placement
Table III. CLPOB and PBLK Pattern Registers
Register
Length
Range
Description
SPOL
1b
High/Low
Starting Polarity of CLPOB/PBLK for V-Sequence 0–9
TOG1
12b
0–4095 Pixel Location
First Toggle Position within Line for V-Sequence 0–9
TOG2
12b
0–4095 Pixel Location
Second Toggle Position within Line for V-Sequence 0–9
Table IV. HBLK Pattern Registers
Register
Length
Range
Description
HBLKMASK
1b
High/Low
Masking Polarity for H1/H3 (0 = H1/H3 Low, 1 = H1/H3 High)
HBLKALT
2b
0–3 Alternation Mode
Enables Odd/Even Alternation of HBLK Toggle Positions 0 =
Disable Alternation. 1 = TOG1–TOG2 Odd, TOG3–TOG6 Even.
2 = 3 = TOG1–TOG2 Even, TOG3–TOG6 Odd
HBLKTOG1
12b
0–4095 Pixel Location
First Toggle Position within Line for Each V-Sequence 0–9
HBLKTOG2
12b
0–4095 Pixel Location
Second Toggle Position within Line for Each V-Sequence 0–9
HBLKTOG3
12b
0–4095 Pixel Location
Third Toggle Position within Line for Each V-Sequence 0–9
HBLKTOG4
12b
0–4095 Pixel Location
Fourth Toggle Position within Line for Each V-Sequence 0–9
HBLKTOG5
12b
0–4095 Pixel Location
Fifth Toggle Position within Line for Each V-Sequence 0–9
HBLKTOG6
12b
0–4095 Pixel Location
Sixth Toggle Position within Line for Each V-Sequence 0–9
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com