Electronic Components Datasheet Search
  English  ▼

X  

AD12400 Datasheet(PDF) 21 Page - Analog Devices

Part # AD12400
Description  12-Bit, 400 MSPS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12400 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD12400 Datasheet HTML 16Page - Analog Devices AD12400 Datasheet HTML 17Page - Analog Devices AD12400 Datasheet HTML 18Page - Analog Devices AD12400 Datasheet HTML 19Page - Analog Devices AD12400 Datasheet HTML 20Page - Analog Devices AD12400 Datasheet HTML 21Page - Analog Devices AD12400 Datasheet HTML 22Page - Analog Devices AD12400 Datasheet HTML 23Page - Analog Devices AD12400 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD12400
Rev. A | Page 21 of 24
LAYOUT GUIDELINES
The AD12400 requires a different approach to traditional high
speed ADC system layouts. While the AD12400’s internal PCB
isolates digital and analog grounds, these planes are tied
together through the product’s aluminum case structure.
Therefore, the decision of isolating the analog and digital
grounds on the system PCB has additional factors to consider.
For example, if the AD12400 is attached with conductive
thermal interface material to the system PCB, there is
essentially no benefit to keeping the analog and digital ground
planes separate. If neither thermal interface material nor
nonconductive interface material is used, system architects
must consider the ground loop that is created if analog and
digital planes are tied together directly under the AD12400.
This EMI-based decision must be considered on a case-by-case
basis and is largely dependent on the other sources of EMI in
the system. One critical consideration is that a 12-bit perform-
ance requirement (–74 dBc) requires keeping conducted EMI
currents (referenced to the input of the AD12400) below 4.5 μA.
All the characterization and testing of the AD12400 is performed
using a system that isolated these ground planes.
If thermal interface material is used in the final system design,
the following layout factors need to be considered: open solder
mask on the area that contacts the interface material and the
thickness of the ground plane. While this should be analyzed in
each specific system design, the use of solder mask may negate
any advantage achieved by using the thermal interface material,
and its use should be carefully considered. The ground plane
thickness does not have a major impact on the thermal
performance, but if design margin is slight, additional thickness
can yield incremental improvements.
PCB INTERFACE
Figure 37 provides the mounting hole footprint for assembling
the AD12400 to the second-level assembly. The diagram is
referenced to the center of the mating QTE connector. Refer to
the QTE/QSE series connector documentation at
www.samtec.com
for the SMT footprint of the mating
connector.
The top view of the second-level assembly footprint provides a
diagram of the second-level assembly locating tab locations for
mating the SAMTEC QTE-060-01-L-A-K-TR terminal strip on
the AD12400KWS to a QSE-060-01-L-A-K-TR socket on the
second-level assembly. The diagram is referenced to the center
of the QTE terminal strip on the AD12400KWS and the
mounting holds for the screws, which holds the AD12400KWS
to the second-level assembly board. The relationship of these
locating tabs is based on information provided by SAMTEC
(connector supplier) and should be verified with SAMTEC by
the customer.
Mating and unmating forces—the knifing or peeling action of
applying force to one end or one side—must be avoided to
prevent damage to the connector and guidepost.
1.184 [30.0673]
1.184 [30.0673]
R.0470[R1.19] 6
×
1.025 [26.0164] 2
×
1.025 [26.0164] 2
×
.000 [.0000]
0, 0 DATUM = CENTER OF CONNECTOR
Figure 37. Top View of Interface PCB Assembly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com