Electronic Components Datasheet Search
  English  ▼

X  

AD12400 Datasheet(PDF) 3 Page - Analog Devices

Part # AD12400
Description  12-Bit, 400 MSPS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12400 Datasheet(HTML) 3 Page - Analog Devices

  AD12400 Datasheet HTML 1Page - Analog Devices AD12400 Datasheet HTML 2Page - Analog Devices AD12400 Datasheet HTML 3Page - Analog Devices AD12400 Datasheet HTML 4Page - Analog Devices AD12400 Datasheet HTML 5Page - Analog Devices AD12400 Datasheet HTML 6Page - Analog Devices AD12400 Datasheet HTML 7Page - Analog Devices AD12400 Datasheet HTML 8Page - Analog Devices AD12400 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD12400
Rev. A | Page 3 of 24
SPECIFICATIONS
DC SPECIFICATIONS
VA = 3.8 V, VC = 3.3 V, VD = 1.5 V, encode = 400 MSPS, 0°C ≤ TCASE ≤ 60°C, unless otherwise noted.
Table 1.
AD12400JWS
AD12400KWS
Parameter
Case Temp
Test Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
12
Bits
ACCURACY
No Missing Codes
Full
IV
Guaranteed
Guaranteed
Offset Error
Full
I
−12
+12
−12
+12
LSB
Gain Error @ 10 MHz
Full
I
−10
+10
−10
+10
%FS
Differential Nonlinearity (DNL)
60°C
V
0.3
0.3
LSB
Integral Nonlinearity (INL)
60°C
V
0.5
0.5
LSB
TEMPERATURE DRIFT
Gain Error
60°C
V
0.02
0.02
%/°C
ANALOG INPUT (AIN)
Full-Scale Input Voltage Range
60°C
V
3.2
3.2
V p-p
Frequency Range
Full
IV
10
180
10
180
MHz
Flatness (10 MHz to 180 MHz)
Full
IV
0.5
1
0.5
1
dB
Input VSWR (50 Ω)
(10 MHz to 180 MHz)
60°C
V
1.5
1.5
Analog Input Bandwidth
60°C
V
450
450
MHz
POWER SUPPLY1
Supply Voltage
VA
Full
IV
3.6
3.8
3.6
3.8
V
VC
Full
IV
3.2
3.4
3.2
3.4
V
VD
Full
IV
1.475
1.575
1.475
1.575
V
Supply Current
IVA (VA = 3.8 V)
Full
I
0.95
1.11
0.95
1.11
A
IVC (VC = 3.3 V)
Full
I
400
500
400
500
mA
IVD (VD = 1.5 V)
Full
I
1.4
2.0
1.4
2.0
A
Total Power Dissipation
Full
I
7.0
8.5
7.0
8.5
W
ENCODE INPUTS2
Differential Inputs (ENC, ENC)
Input Voltage Range
Full
IV
0.4
0.4
V
Input Resistance
60°C
V
100
100
Ω
Input Capacitance
60°C
V
4
4
pF
Common-Mode Voltage
60°C
V
±3
±3
V
Single-Ended Inputs (ENC)
Input Voltage
Full
IV
0.4
2
2.5
0.4
2
2.5
V p-p
Input Resistance
60°C
V
50
50
Ω
LOGIC INPUTS (RESET)3
Logic 1 Voltage
Full
IV
2.0
2.0
V
Logic 0 Voltage
Full
IV
0.8
0.8
V
Source IIH
60°C
V
10
10
μA
Source IIL
60°C
V
1
1
mA
LOGIC OUTPUTS
(DRA, DRB, Output Bits)4
Differential Output Voltage
Full
IV
247
454
247
454
mV
Output Drive Current
Full
IV
−4
+4
−4
+4
mA
Output Common-Mode Voltage
Full
IV
1.125
1.375
1.125
1.375
V
Start-Up Time
Full
IV
600
600
ms
1 Tested using input frequency of 70 MHz. See Figure 17 for VD current vs. input frequency.
2 All ac specifications tested by driving ENC single-ended.
3 Refer to Table 5 for logic convention on all logic inputs.
4 Digital output logic levels: VC = 3.3 V, CLOAD = 8 pF. 3.3 V LVDS, R1 = 100 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com