Electronic Components Datasheet Search
  English  ▼

X  

FDS89161 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FDS89161
Description  N-Channel Enhancement MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FDS89161 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FDS89161 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FDS89161 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FDS89161 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FDS89161 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd FDS89161 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
N-Channel Enhancement MOSFET
FDS89161 (KDS89161)
■
Features
●
VDS (V) = 100V
●
ID = 2.7 A
●
RDS(ON) < 105mΩ (VGS = 10V)
●
RDS(ON) < 160mΩ (VGS = 4.5V)
●
●
CDM ESD Protection Level > 2KV typical
High performance trench technology for extremely low rDS(on)
atings Ta = 25
G2
S1
G1
S2
D2
D2
D1
D1
4
3
2
1
5
6
7
8
Q2
Q1
■
Absolute Maximum Ratings Ta = 25℃
Symbol
Rating
Unit
VDS
100
VGS
±20
Continuous
2.7
Pulsed
15
EAS
13
mJ
31
1.6
RthJA
78
RthJC
4
TJ
150
Tstg
-55 to 150
Junction Temperature
Storage Temperature Range
PD
W
Power Dissipation
℃
/W
℃
Thermal Resistance.Junction- to-Ambient
Thermal Resistance.Junction- to-Case
V
Single Pulse Avalanche Energy
(Note1)
Parameter
Continuous Drain Current
ID
Drain-Source Voltage
Gate-Source Voltage
A
Note 1.Starting TJ = 25 °C, L = 0.3 mH, IAS =25 A, VDD = 27 V, VGS = 10V.
2. 78°C/W when mounted on a 1 in2pad of 2 oz coppe
Tc=25℃
Ta=25℃
SOP-8
1.50 0.15


Similar Part No. - FDS89161

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS89161 FAIRCHILD-FDS89161 Datasheet
266Kb / 6P
Dual N-Channel PowerTrench짰 MOSFET 100 V, 2.7 A, 105 m廓
FDS89161LZ FAIRCHILD-FDS89161LZ Datasheet
251Kb / 7P
Max rDS(on) = 105 m廓 at VGS = 10 V, ID = 2.7 A
logo
ON Semiconductor
FDS89161LZ ONSEMI-FDS89161LZ Datasheet
399Kb / 8P
Dual N-Channel Shielded Gate PowerTrench® MOSFET 100 V, 2.7 A, 105 mΩ
September 2015 Rev. 1.2
More results

Similar Description - FDS89161

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com