Electronic Components Datasheet Search
  English  ▼

X  

FDS89161 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FDS89161
Description  N-Channel Enhancement MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FDS89161 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FDS89161 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FDS89161 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FDS89161 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FDS89161 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd FDS89161 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
N-Channel Enhancement MOSFET
FDS89161 (KDS89161)
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
100
V
Breakdown Voltage Temperature
coefficient
Zero Gate Voltage Drain Current
IDSS
1
μ
A
Gate-Body Leakage Current
IGSS
±
10
nA
Gate Threshold Voltage
VGS(th)
1
1.7
2.2
V
Gate to Source Threshold Voltage
Temperatture Coefficient
81
105
110
160
140
182
Forward Transconductance
gFS
7.8
S
Input Capacitance
Ciss
227
302
Output Capacitance
Coss
44
58
Reverse Transfer Capacitance
Crss
3
4
Gate Resistance
Rg
0.9
Ω
VGS=0 to 10V
3.8
5.3
VGS=0 to 5V
2.1
2.9
Gate Source Charge
Qgs
0.7
Gate Drain Charge
Qgd
0.7
Turn-On DelayTime
td(on)
3.8
10
Turn-On Rise Time
tr
1.2
10
Turn-Off DelayTime
td(off)
9.5
17
Turn-Off Fall Time
tf
1.6
10
Body Diode Reverse Recovery Time
trr
31
56
Body Diode Reverse Recovery Charge
Qrr
20
36
nC
0.8
1.3
0.8
1.2
Test Conditions
Diode Forward Voltage (Note 1)
VSD
V
IS=2.7A,VGS=0V
IS=2A,VGS=0V
VDS=10V, ID=2.7A
VGS=0V, VDS=50V, f=1MHz
ID=250μA, VGS=0V
ID=250μA, referenced to 25℃
VDS=80V, VGS=0V
VDS=0V, VGS=±20V
mV/℃
△
VGS(th)△TJ
-6
mV/℃
VDS=VGS , ID=250μA
ID=250μA, referenced to 25℃
△
VDSS/△TJ
68
VGS=10V, VDS=50V, ID=2.7A,RGEN=6Ω
ns
mΩ
RDS(On)
Static Drain-Source On-Resistance
Total Gate Charge
Qg
VGS=10V, ID=2.7A
VGS=4.5V, ID=2.1A
VGS=10V, ID=2.7A TJ=125℃
VDS=50V, ID=2.7A
pF
nC
IF= 2.7A, dI/dt= 100A/μs
Note 1.Pulse Width < 300μs, Duty cycle < 2.0%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com