Electronic Components Datasheet Search
  English  ▼

X  

ADE7761A Datasheet(PDF) 5 Page - Analog Devices

Part # ADE7761A
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761A Datasheet(HTML) 5 Page - Analog Devices

  ADE7761A_15 Datasheet HTML 1Page - Analog Devices ADE7761A_15 Datasheet HTML 2Page - Analog Devices ADE7761A_15 Datasheet HTML 3Page - Analog Devices ADE7761A_15 Datasheet HTML 4Page - Analog Devices ADE7761A_15 Datasheet HTML 5Page - Analog Devices ADE7761A_15 Datasheet HTML 6Page - Analog Devices ADE7761A_15 Datasheet HTML 7Page - Analog Devices ADE7761A_15 Datasheet HTML 8Page - Analog Devices ADE7761A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADE7761A
Rev. 0 | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to AGND
−0.3 V to +7 V
Analog Input Voltage to AGND
V1A, V1B, V1N, V2N, V2P, MISCAL
−6 V to +6 V
Reference Input Voltage to AGND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to VDD + 0.3 V
Digital Output Voltage to DGND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
20-Lead SSOP, Power Dissipation
450 mW
θJA Thermal Impedance
112°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
PERFORMANCE ISSUES THAT MAY AFFECT
BILLING ACCURACY
The ADE7761A provides pulse outputs—CF, F1, and F2—
intended to be used for the billing of active energy. Pulses
are generated at these outputs in two different situations.
Case 1
: When the analog input V2P – V2N complies with the
conditions described in Figure 34, CF, F1, and F2 frequencies
are proportional to active power and can be used to bill
active energy.
Case 2
: When the analog input V2P – V2N does not comply with
the conditions described in Figure 34, the ADE7761A does not
measure active energy but a quantity proportional to kAh. This
quantity is used to generate pulses on the same CF, F1, and F2.
This situation is indicated when the FAULT pin is high.
Analog Devices, Inc. cautions users of the ADE7761A about the
following:
• Billing active energy in Case 1 is consistent with the
understanding of the quantity represented by pulses on CF,
F1, and F2 outputs (watt-hour).
• Billing active energy while the ADE7761A is in Case 2 must
be decided knowing that the entity measured by the
ADE7761A in this case is ampere-hour and not watt-hour.
Users should be aware of this limitation and decide if the
ADE7761A is appropriate for their application.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com