Electronic Components Datasheet Search
  English  ▼

X  

ADE7761A Datasheet(PDF) 1 Page - Analog Devices

Part # ADE7761A
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761A Datasheet(HTML) 1 Page - Analog Devices

  ADE7761A_15 Datasheet HTML 1Page - Analog Devices ADE7761A_15 Datasheet HTML 2Page - Analog Devices ADE7761A_15 Datasheet HTML 3Page - Analog Devices ADE7761A_15 Datasheet HTML 4Page - Analog Devices ADE7761A_15 Datasheet HTML 5Page - Analog Devices ADE7761A_15 Datasheet HTML 6Page - Analog Devices ADE7761A_15 Datasheet HTML 7Page - Analog Devices ADE7761A_15 Datasheet HTML 8Page - Analog Devices ADE7761A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Energy Metering IC with On-Chip Fault and
Missing Neutral Detection
ADE7761A
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
High accuracy, active energy measurement IC supports
IEC 62053-21
Less than 0.1% error over a dynamic range of 500 to 1
Supplies active power on the frequency outputs, F1 and F2
High frequency output CF is intended for calibration and
supplies instantaneous active power
Continuous monitoring of the phase and neutral current
allows fault detection in 2-wire distribution systems
Current channels input level best suited for shunt and
current transformer sensors
Uses the larger of the two currents (phase or neutral) to
bill—even during a fault condition
Continuous monitoring of the voltage and current inputs
allows missing neutral detection
Uses one current input (phase or neutral) to bill when
missing neutral is detected
Two logic outputs (FAULT and REVP) can be used to indicate
a potential miswiring, fault, or missing neutral condition
Direct drive for electromechanical counters and 2-phase
stepper motors (F1 and F2)
Proprietary ADCs and DSP provide high accuracy over large
variations in environmental conditions and time
Reference 2.5 V ± 8% (drift 30 ppm/°C typical) with external
overdrive capability
Single 5 V supply, low power
GENERAL DESCRIPTION
The ADE7761A is a high accuracy, fault-tolerant, electrical
energy measurement IC intended for use with 2-wire distribution
systems. The part specifications surpass the accuracy requirements
as quoted in the IEC 62053-21 standard. The only analog circuitry
used on the ADE7761A is in the ADCs and reference circuit.
All other signal processing (such as multiplication and filtering)
is carried out in the digital domain. This approach provides
superior stability and accuracy over extremes in environmental
conditions and over time. The ADE7761A incorporates a fault
detection scheme similar to the ADE7751 by continuously
monitoring both phase and neutral currents. A fault is indicated
when the currents differ by more than 6.25%.
The ADE7761A incorporates a missing neutral detection
scheme by continuously monitoring the input voltage. When a
missing neutral condition is detected—no voltage input—the
ADE7761A continues billing based on the active current signal
(see the Missing Neutral Mode section). The missing neutral
condition is indicated when the FAULT pin goes high. The
ADE7761A supplies average active power information on the
low frequency outputs, F1 and F2. The CF logic output gives
instantaneous active power information.
The ADE7761A includes a power-supply monitoring circuit on
the VDD supply pin. Internal phase matching circuitry ensures
that the voltage and current channels are matched. An internal
no-load threshold ensures that the ADE7761A does not exhibit
any creep when there is no load.
FUNCTIONAL BLOCK DIAGRAM
MISCAL
ADC
6
5
V2P
V2N
ADC
ADC
4
3
7
V1B
ADC
2
V1A
AGND
FAULT
VDD
V1N
2.5V
REFERENCE
INTERNAL
OSCILLATOR
MISSING NEUTRAL
GAIN ADJUST
MISSING NEUTRAL
DETECTION
9
14
17
10
11
12
B>A
A<>B
A>B
ZERO CROSSING
DETECTION
ADE7761A
SIGNAL PROCESSING
BLOCK
15
1
8
POWER
SUPPLY MONITOR
DIGITAL-TO-FREQUENCY CONVERTER
16
18
19
20
F1
F2
CF
REVP
S0
S1
SCF
DGND
RCLKIN
REFIN/OUT
HPF
LPF
3k
Ω
PGA
13
Figure 1.


Similar Part No. - ADE7761A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7761AARS AD-ADE7761AARS Datasheet
518Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
7/06-Revision 0
ADE7761AARS-REF AD-ADE7761AARS-REF Datasheet
518Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
7/06-Revision 0
ADE7761AARS-RL AD-ADE7761AARS-RL Datasheet
518Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
7/06-Revision 0
ADE7761AARSZ AD-ADE7761AARSZ Datasheet
518Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
7/06-Revision 0
ADE7761AARSZ-RL AD-ADE7761AARSZ-RL Datasheet
518Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
7/06-Revision 0
More results

Similar Description - ADE7761A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7751 AD-AD7751 Datasheet
249Kb / 16P
Energy Metering IC With On-Chip Fault Detection
REV.A
ADE7751 AD-ADE7751 Datasheet
422Kb / 16P
Energy Metering IC with On-Chip Fault Detection
REV.0
ADE7760 AD-ADE7760 Datasheet
514Kb / 24P
Energy Metering IC with On-Chip Fault Detection
ADE7761 AD-ADE7761 Datasheet
326Kb / 28P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
2/04-Changed from Rev. 0 to Rev. A.
ADE7761A AD-ADE7761A Datasheet
518Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
7/06-Revision 0
ADE7761B AD-ADE7761B Datasheet
533Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. 0
ADE7751ARSZ AD-ADE7751ARSZ Datasheet
379Kb / 16P
Energy Metering IC with On-Chip Fault Detection
REV. 0
AD7751 AD-AD7751_15 Datasheet
187Kb / 14P
Energy Metering IC with On-Chip Fault Detection
REV. 0
ADE7760 AD-ADE7760_15 Datasheet
530Kb / 24P
Energy Metering IC with On-Chip Fault Detection
REV. 0
ADE7761 AD-ADE7761_15 Datasheet
980Kb / 28P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com