Electronic Components Datasheet Search
  English  ▼

X  

ADE7761A Datasheet(PDF) 12 Page - Analog Devices

Part # ADE7761A
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761A Datasheet(HTML) 12 Page - Analog Devices

Back Button ADE7761A_15 Datasheet HTML 8Page - Analog Devices ADE7761A_15 Datasheet HTML 9Page - Analog Devices ADE7761A_15 Datasheet HTML 10Page - Analog Devices ADE7761A_15 Datasheet HTML 11Page - Analog Devices ADE7761A_15 Datasheet HTML 12Page - Analog Devices ADE7761A_15 Datasheet HTML 13Page - Analog Devices ADE7761A_15 Datasheet HTML 14Page - Analog Devices ADE7761A_15 Datasheet HTML 15Page - Analog Devices ADE7761A_15 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADE7761A
Rev. 0 | Page 12 of 24
The differential voltage MISCAL − V2N must be referenced
to a common mode (usually AGND). The analog inputs of the
ADE7761A can be driven with common-mode voltages of up
to 100 mV with respect to AGND. However, best results are
achieved using a common mode equal to AGND.
Typical Connection Diagrams
Figure 15 shows a typical connection diagram for Channel V1.
The analog inputs are used to monitor both the phase and
neutral currents. Because of the large potential difference
between the phase and neutral, two current transformers (CTs)
must be used to provide the isolation. Note that both CTs are
referenced to analog ground (AGND); therefore, the common-
mode voltage is 0 V. The CT turns ratio and burden resistor
(RB) are selected to give a peak differential voltage of
±660 mV/gain.
AGND
V1B
V1N
V1A
RF
RF
CF
CF
CT
CT
RB
RB
IN
IP
±660mV
GAIN
±660mV
GAIN
Figure 15. Typical Connection for Channel 1
Figure 16 shows two typical connections for Channel V2.
The first option uses a potential transformer (PT) to provide
complete isolation from the main voltage. In the second option,
the ADE7761A is biased around the neutral wire, and a resistor
divider is used to provide a voltage signal that is proportional to
the line voltage. Adjusting the ratio of RA and RB + VR is a
convenient way to carry out a gain calibration on the meter.
1RB + VR = RF.
VR1
RB1
RA1
V2P
RF
V2N
CT
V2P
RF
RF
V2N
CF
CF
CF
±660mV
AGND
Figure 16. Typical Connection for Channel 2
Figure 17 shows a typical connection for the MISCAL input.
The voltage reference input (REFIN/OUT) is used as a dc reference
to set the MISCAL voltage.
Adjusting the level of MISCAL to calibrate the meter in missing
neutral mode can be done by changing the ratio of RC and RD
+ VR1. When the internal reference is used, the values of RC,
RD, and VR1 must be chosen to limit the current sourced by
the internal reference sourcing current to below the specified
20 μA. Therefore, because VREF internal = 2.5 V, RC + RD +
VR1 > 600 kΩ.
VR1
RD
RC
MISCAL
RF
V2N
CF
CF
REFIN/OUT
Figure 17. Typical Connection for MISCAL
INTERNAL OSCILLATOR
The nominal internal oscillator frequency is 450 kHz when
used with the recommended ROSC resistor value of 6.2 kΩ
between RCLKIN and DGND (see Figure 18).
The internal oscillator frequency is inversely proportional to the
value of this resistor. Although the internal oscillator operates
when used with an ROSC resistor value between 5 kΩ and 12 kΩ,
it is recommended to choose a value within the range of the
nominal value.
The output frequencies on CF, F1, and F2 are directly propor-
tional to the internal oscillator frequency; therefore, the resistor
ROSC must have a low tolerance and low temperature drift. A low
tolerance resistor limits the variation of the internal oscillator
frequency. A small variation of the clock frequency and
consequently of the output frequencies from meter to meter
contributes to a smaller calibration range of the meter.
A low temperature drift resistor directly limits the variation of
the internal clock frequency over temperature. The stability of
the meter to external variation is then better ensured by design.
2.5V
REFERENCE
INTERNAL
OSCILLATOR
9
ADE7761A
DGND
RCLKIN
REFIN/OUT
3kΩ
ROSC
14
17
Figure 18. Internal Oscillator Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com