Electronic Components Datasheet Search
  English  ▼

X  

HIP6005CB Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP6005CB
Description  Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6005CB Datasheet(HTML) 1 Page - Intersil Corporation

  HIP6005CB Datasheet HTML 1Page - Intersil Corporation HIP6005CB Datasheet HTML 2Page - Intersil Corporation HIP6005CB Datasheet HTML 3Page - Intersil Corporation HIP6005CB Datasheet HTML 4Page - Intersil Corporation HIP6005CB Datasheet HTML 5Page - Intersil Corporation HIP6005CB Datasheet HTML 6Page - Intersil Corporation HIP6005CB Datasheet HTML 7Page - Intersil Corporation HIP6005CB Datasheet HTML 8Page - Intersil Corporation HIP6005CB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
HIP6005
Buck Pulse-Width Modulator (PWM)
Controller and Output Voltage Monitor
The HIP6005 provides complete control and protection for a
DC-DC converter optimized for high-performance
microprocessor applications. It is designed to drive an
N-Channel MOSFET in a standard buck topology. The
HIP6005 integrates all of the control, output adjustment,
monitoring and protection functions into a single package.
The output voltage of the converter is easily adjusted and
precisely regulated. The HIP6005 includes a 5-input digital-
to-analog converter (DAC) that adjusts the output voltage
from 2.1VDC to 3.5VDC in 0.1V increments and from 1.3VDC
to 2.1VDC in 0.05V steps. The precision reference and
voltage-mode regulator hold the selected output voltage to
within
±1% over temperature and line voltage variations.
The HIP6005 provides simple, single feedback loop, voltage-
mode control with fast transient response. It includes a 200kHz
free-running triangle-wave oscillator that is adjustable from
below 50kHz to over 1MHz. The error amplifier features a
15MHz gain-bandwidth product and 6V/
µs slew rate which
enables high converter bandwidth for fast transient
performance. The resulting PWM duty ratio ranges from 0% to
100%.
The HIP6005 monitors the output voltage with a window
comparator that tracks the DAC output and issues a Power
Good signal when the output is within
±10%. The HIP6005
protects against over-current conditions by inhibiting PWM
operation. Built-in over-voltage protection triggers an
external SCR to crowbar the input supply. The HIP6005
monitors the current by using the rDS(ON) of the upper
MOSFET which eliminates the need for a current sensing
resistor.
Alpha™ is a trademark of Digital Equipment Corporation.
Pentium® is a registered trademark of Intel Corporation.
PowerPC™ is a trademark of IBM.
Features
• Drives N-Channel MOSFET
• Operates from +5V or +12V Input
• Simple Single-Loop Control Design
- Voltage-Mode PWM Control
• Fast Transient Response
- High-Bandwidth Error Amplifier
- Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
-
±1% Over Line Voltage and Temperature
• 5-Bit Digital-to-Analog Output Voltage Selection
- Wide Range . . . . . . . . . . . . . . . . . . . 1.3VDC to 3.5VDC
- 0.1V Binary Steps . . . . . . . . . . . . . . . 2.1VDC to 3.5VDC
- 0.05V Binary Steps . . . . . . . . . . . . . . 1.3VDC to 2.1VDC
• Power-Good Output Voltage Monitor
• Over-Voltage and Over-Current Fault Monitors
- Does Not Require Extra Current Sensing Element,
Uses MOSFETs rDS(ON)
• Small Converter Size
- Constant Frequency Operation
- 200kHz Free-Running Oscillator Programmable from
50kHz to over 1MHz
Applications
• Power Supply for Pentium®, Pentium Pro, PowerPC™ and
Alpha™ Microprocessors
• High-Power 5V to 3.xV DC-DC Regulators
• Low-Voltage Distributed Power Supplies.
Pinout
HIP6005
(SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP6005CB
0 to 70
20 Ld SOIC
M20.3
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
VSEN
OCSET
SS
VID0
VID1
VID2
VID4
VID3
COMP
FB
RT
VCC
NC
NC
OVP
BOOT
UGATE
PHASE
PGOOD
GND
Data Sheet
March 2000
File Number
4276.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000


Similar Part No. - HIP6005CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6005A INTERSIL-HIP6005A Datasheet
153Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1997 09
HIP6005ACB INTERSIL-HIP6005ACB Datasheet
153Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1997 09
HIP6005B INTERSIL-HIP6005B Datasheet
151Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1999 02
HIP6005BCB INTERSIL-HIP6005BCB Datasheet
151Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1999 02
HIP6005BCV INTERSIL-HIP6005BCV Datasheet
151Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1999 02
More results

Similar Description - HIP6005CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6003 INTERSIL-HIP6003 Datasheet
208Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
2000 03
HIP6005A INTERSIL-HIP6005A Datasheet
153Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1997 09
HIP6005B INTERSIL-HIP6005B Datasheet
151Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1999 02
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
Buck Pulse-Width Modulator (PWM) Controller
1997 09
HIP6008 INTERSIL-HIP6008 Datasheet
209Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
2000 03
HIP6011 INTERSIL-HIP6011 Datasheet
89Kb / 9P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1997 09
HIP6015 INTERSIL-HIP6015 Datasheet
203Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
March 2000
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
November 3, 2005
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
Buck Pulse-Width Modulator (PWM) Controller
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com