Electronic Components Datasheet Search
  English  ▼

X  

HIP6005CB Datasheet(PDF) 11 Page - Intersil Corporation

Part # HIP6005CB
Description  Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6005CB Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HIP6005CB Datasheet HTML 4Page - Intersil Corporation HIP6005CB Datasheet HTML 5Page - Intersil Corporation HIP6005CB Datasheet HTML 6Page - Intersil Corporation HIP6005CB Datasheet HTML 7Page - Intersil Corporation HIP6005CB Datasheet HTML 8Page - Intersil Corporation HIP6005CB Datasheet HTML 9Page - Intersil Corporation HIP6005CB Datasheet HTML 10Page - Intersil Corporation HIP6005CB Datasheet HTML 11Page - Intersil Corporation HIP6005CB Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
HIP6005 DC-DC Converter Application Circuit
Figure 12 shows an application circuit of a DC-DC Converter
for an Intel Pentium Pro microprocessor. Detailed
information on the circuit, including a complete Bill-of-
Materials and circuit board description, can be found in
application note AN9706.
+12V
+VO
HIP6005
VSEN
RT
FB
COMP
VID0
VID1
VID2
VID3
OVP
SS
PGOOD
D/A
GND
MONITOR
OSC
VCC
L1 - 1
µH
C1
L2
C0
0.1
µF
2x 1
µF
0.1
µF
0.1
µF
2.2nF
8.2nF
20K
1K
7
µH
5x 1000
µF
9x 1000
µF
0.082
µF
UGATE
OCSET
PHASE
BOOT
20
D1
Q1
2N6394
1.1K
1000pF
D2
F1
2K
VIN =
+5V
OR
+12V
1
2
3
4
5
6
7
9
10
11
12
13
14
15
19
20
18
AND
PROTECTION
+
-
+
-
Component Selection Notes;
C0 - C9 Each 1000
µF 6.3WVDC, Sanyo MV-GX or Equivalent
C1 - C5 Each 330
µF 25WVDC, Sanyo MV-GX or Equivalent
L2 - Core: Micrometals T60-52; Each Winding: 14 Turns of 17AWG
L1 - Core: Micrometals T50-52; Winding: 6 Turns of 18AWG
D1 - 1N4148 or Equivalent
D2 - 25A, 35V Schottky, Motorola MBR2535CTL or Equivalent
Q1 - Intersil MOSFET; RFP70N03
FIGURE 12. PENTIUM PRO DC-DC CONVERTER
VID4
8
HIP6005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com