Electronic Components Datasheet Search
  English  ▼

X  

HIP6500 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP6500
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6500 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP6500 Datasheet HTML 1Page - Intersil Corporation HIP6500 Datasheet HTML 2Page - Intersil Corporation HIP6500 Datasheet HTML 3Page - Intersil Corporation HIP6500 Datasheet HTML 4Page - Intersil Corporation HIP6500 Datasheet HTML 5Page - Intersil Corporation HIP6500 Datasheet HTML 6Page - Intersil Corporation HIP6500 Datasheet HTML 7Page - Intersil Corporation HIP6500 Datasheet HTML 8Page - Intersil Corporation HIP6500 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
HIP6500
Multiple Linear Power Controller with
ACPI Control Interface
The HIP6500 complements either an HIP6020 or an HIP6021
in ACPI-compliant designs for microprocessor and computer
applications. The IC integrates two linear controllers and two
regulators, switching, monitoring and control functions into a
20-pin SOIC package. One linear controller generates the
3.3VDUAL voltage plane from the ATX supply’s 5VSB output,
powering the PCI slots through an external pass transistor
during sleep states (S3, S4/S5). A second transistor is used to
switch in the ATX 3.3V output for operation during S0 and
S1/S2 (active) operating states. The second linear controller
supplies the computer system’s 2.5V/3.3V memory power
through an external pass transistor in active states. During S3
state, an integrated pass transistor supplies the 2.5V/3.3V
sleep power. A third controller powers up the 5VDUAL plane by
switching in the ATX 5V output in active states, and the ATX
5VSB in sleep states. The two internal regulators consist of a
low current 3.3V sleep output and a dedicated, noise-free 2.5V
clock chip supply. The HIP6500’s operating mode (active
outputs or sleep outputs) is selectable through two digital
control pins, S3 and S5. Further control of the logic governing
activation of different power states is offered through two
configuration pins, EN3VDL and EN5VDL. In active state, the
3.3VDUAL linear regulator uses an external N-Channel pass
MOSFET to connect the output directly to the 3.3V input
supplied by an ATX (or equivalent) power supply, for minimal
losses. In sleep state, power delivery on the 3.3VDUAL output is
transferred to an NPN transistor, also external to the controller.
Active state power delivery for the 2.5/3.3VMEM output is
performed through an external NPN transistor, or an NMOS
switch for the 3.3V setting. In sleep state, conduction on this
output is transferred to an internal pass transistor. The 5VDUAL
output is powered through two external MOS transistors. In
sleep states, a PMOS (or PNP) transistor conducts the current
from the ATX 5VSB output; while in active state, current flow is
transferred to an NMOS transistor connected to the ATX 5V
output. Similar to the 3.3VDUAL output, the operation of the
5VDUAL output is dictated not only by the status of the S3 and
S5 pins, but that of the EN5VDL pin as well. The 3.3VSB
internal regulator is active for as long as the ATX 5VSB voltage
is applied to the chip, and derives its output current from the
5VSB pin. The 2.5VCLK output is only active during S0 and
S1/S2, and uses the 3V3 pin as input source for its internal
pass element.
Features
• Provides 5 ACPI-Controlled Voltages
- 5V Active/Sleep (5VDUAL)
- 3.3V Active/Sleep (3.3VDUAL)
- 2.5V/3.3V Active/Sleep (2.5VMEM)
- 3.3V Always Present (3.3VSB)
- 2.5V Clock (Active Only) (2.5VCLK)
• Excellent Output Voltage Regulation
- 3.3VDUAL Output: ±2.0% Over Temperature; Sleep
State Only
- 2.5V/3.3VMEM Output: ±2.0% Over Temperature; Both
Operational States (3.3V setting in sleep only)
- 2.5VCLK and 3.3VSB Output: ±2.0% Over Temperature
• Small Size
- Very Low External Component Count
• Selectable Memory Output Voltage Via FAULT/MSEL Pin
- 2.5V for RDRAM Memory
- 3.3V for SDRAM Memory
• Under-Voltage Monitoring of All Outputs with Centralized
FAULT Reporting and Temperature Shutdown
Applications
• Motherboard Power Regulation for ACPI-Compliant
Computers
Pinout
HIP6500
(SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP6500CB
0 to 70
20 Ld SOIC
M20.3
HIP6500EVAL1
Evaluation Board
14
15
16
17
18
19
20
7
6
5
4
3
2
1
5VSB
3V3SB
VCLK
3V3DLSB
3V3DL
VSEN2
EN3VDL
5V
5VDLSB
12V
DLA
SS
3V3
DRV2
EN5VDL
5VDL
13
8
11
12
10
9
S3
S5
FAULT/MSEL
GND
Data Sheet
December 1999
File Number
4774.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP6500

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500 Datasheet
794Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
July 2000
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
logo
Renesas Technology Corp
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
Multiple Linear Power Controller with ACPI Control Interface
May 2000
logo
Intersil Corporation
HIP6500BCB INTERSIL-HIP6500BCB Datasheet
156Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
logo
Renesas Technology Corp
HIP6500BCB RENESAS-HIP6500BCB Datasheet
1Mb / 30P
Multiple Linear Power Controller with ACPI Control Interface
May 2000
More results

Similar Description - HIP6500

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
Multiple Linear Power Controller with ACPI Control Interface
April 13, 2004
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
July 2000
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
July 2000
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506 RENESAS-ISL6506 Datasheet
535Kb / 9P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506A RENESAS-ISL6506A_V01 Datasheet
525Kb / 10P
Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
Multiple Linear Power Controller with ACPI Control Interface
May 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com