Electronic Components Datasheet Search
  English  ▼

X  

HIP6500 Datasheet(PDF) 13 Page - Intersil Corporation

Part # HIP6500
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6500 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HIP6500 Datasheet HTML 7Page - Intersil Corporation HIP6500 Datasheet HTML 8Page - Intersil Corporation HIP6500 Datasheet HTML 9Page - Intersil Corporation HIP6500 Datasheet HTML 10Page - Intersil Corporation HIP6500 Datasheet HTML 11Page - Intersil Corporation HIP6500 Datasheet HTML 12Page - Intersil Corporation HIP6500 Datasheet HTML 13Page - Intersil Corporation HIP6500 Datasheet HTML 14Page - Intersil Corporation HIP6500 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
the supplied outputs. At the transition between active and
sleep states, this phenomena could result in the 5VSB
voltage dropping below the POR level (typically 4.1V) and
temporarily disabling the HIP6500. The solution to a
potential problem such as this is using larger input
capacitors with a lower total combined ESR.
Transistor Selection/Considerations
The HIP6500 usually requires one P-Channel (or bipolar
PNP), two N-Channel MOSFETs and two bipolar NPN
transistors.
One important criteria for selection of transistors for all the
linear regulators/switching elements is package selection for
efficient removal of heat. The power dissipated in a linear
regulator/switching element is
Select a package and heatsink that maintains the junction
temperature below the rating with the maximum expected
ambient temperature.
Q1
The active element on the 2.5V/3.3VMEM output has
different requirements for each of the two voltage settings. In
2.5V systems utilizing RDRAM (or voltage-compatible)
memory, Q1 has to be a bipolar NPN capable of conducting
up to 7.5A and exhibit a current gain (hfe) of minimum 40 at
this current and 0.7V VCE; in such systems the 2.5V output
is actively regulated while in active state. In 3.3V systems
(SDRAM or compatible) Q1 has to be an N-Channel
MOSFET; in such systems the MOSFET is switched on
during active state (S0, S1). The main criteria for the
selection of this transistor is output voltage budgeting. The
maximum rDS(ON) allowed at highest junction temperature
can be expressed with the following equation:
, where
VINmin - minimum input voltage
VOUTmin - minimum output voltage allowed
IOUTmax - maximum output current
The gate bias available for this MOSFET is of the order of 8V.
Q5
If a P-Channel MOSFET is used to switch the 5VSB output
of the ATX supply into the 5VDUAL output during S3 and S5
states (as dictated by EN5VDL status), then, similar to the
situation where Q1 is a MOSFET, the selection criteria of this
device is also proper voltage budgeting. The maximum
rDS(ON), however, has to be achieved with only 4.5V of VGS,
so a logic level MOSFET needs to be selected. If a PNP
device is chosen to perform this function, it has to have a low
saturation voltage while providing the maximum sleep
current and have a current gain sufficiently high to be
saturated using the minimum drive current (typically 20mA).
Q3,4
The two N-Channel MOSFETs are used to switch the 3.3V
and 5V inputs provided by the ATX supply into the
3.3VDUAL and 5VDUAL outputs, respectively, while in active
(S0, S1) state. Similar rDS(ON) criteria apply in these cases
as well. Unlike the PMOS, however, these NMOS transistors
get the benefit of an increased VGS drive (approximately 8V
and 7V, respectively).
Q2
The NPN transistor used as sleep state pass element (Q2)
on the 3.3VDUAL output has to have a minimum current gain
of 100 at 1.5V VCE and 500mA ICE throughout the in-circuit
operating temperature range.
P
LINEAR
I
O
V
IN
V
OUT
–
()
×
=
r
DS ON
()max
V
INmin
V
OUTmin
–
I
OUTmax
---------------------------------------------------
=
HIP6500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com