Electronic Components Datasheet Search
  English  ▼

X  

HIP6500 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP6500
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6500 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP6500 Datasheet HTML 1Page - Intersil Corporation HIP6500 Datasheet HTML 2Page - Intersil Corporation HIP6500 Datasheet HTML 3Page - Intersil Corporation HIP6500 Datasheet HTML 4Page - Intersil Corporation HIP6500 Datasheet HTML 5Page - Intersil Corporation HIP6500 Datasheet HTML 6Page - Intersil Corporation HIP6500 Datasheet HTML 7Page - Intersil Corporation HIP6500 Datasheet HTML 8Page - Intersil Corporation HIP6500 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Simplified Power System Diagram
Typical Application
+5VSB
Q3
VMEM
LINEAR
HIP6500
CONTROLLER
+3.3VIN
+12VIN
SX
ENXVDL
+5VIN
3.3VDUAL
5VDUAL
CONTROL
LOGIC
Q1
Q4
Q5
Q2
LINEAR
CONTROLLER
FAULT/MSEL
SHUTDOWN
VCLK
3.3VSB
LINEAR
REGULATOR
LINEAR
REGULATOR
2.5V/3.3V
2.5V
3.3V
3.3V
5V
2
2
FIGURE 2.
GND
5VSB
+3.3VIN
+5VSB
VSEN2
DRV2
3V3SB
COUT2
HIP6500
12V
+12VIN
VOUT2
2.5/3.3VMEM
Q1
SLP_S3
S3
VOUT3
3.3VDUAL
COUT3
+5VIN
COUT5
VOUT5
5VDUAL
3V3DL
3V3DLSB
Q2
Q3
Q4
Q5
DLA
5VDLSB
FAULT/MSEL
5VDL
SS
VCLK
EN3VDL
EN5VDL
SHUTDOWN
FAULT
VOUT1
3.3VSB
VOUT4
2.5VCLK
COUT1
COUT4
SLP_S5
EN5VDL
S5
EN3VDL
CSS
3V3
5V
RSEL
FIGURE 3.
HIP6500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com