Electronic Components Datasheet Search
  English  ▼

X  

HIP7020AP Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP7020AP
Description  J1850 Bus Transceiver For Multiplex Wiring Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP7020AP Datasheet(HTML) 4 Page - Intersil Corporation

  HIP7020AP Datasheet HTML 1Page - Intersil Corporation HIP7020AP Datasheet HTML 2Page - Intersil Corporation HIP7020AP Datasheet HTML 3Page - Intersil Corporation HIP7020AP Datasheet HTML 4Page - Intersil Corporation HIP7020AP Datasheet HTML 5Page - Intersil Corporation HIP7020AP Datasheet HTML 6Page - Intersil Corporation HIP7020AP Datasheet HTML 7Page - Intersil Corporation HIP7020AP Datasheet HTML 8Page - Intersil Corporation HIP7020AP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Bus Emissions Voltage Output
VdB_LIMIT
-60
-
-
dBV
BUS OUT Leakage Currents
IBO_LEAK
Battery Low/Off1
0V
≤ VBUS OUT ≤ 20V; 0V ≤ VBATT ≤ 0.8V;
-0.3V
≤ VTX ≤ 7V
-10
-
10
µA
Battery Low/Off2
-20V
≤ VBUS OUT ≤ 0V; 0V ≤ VBATT ≤ 0.8V;
-0.3V
≤ VTX ≤ 7V
-100
-
10
µA
Bus High
VBOH < VBUS OUT ≤ 20V; 6V ≤ VBATT ≤ 16V;
2V
≤ VTX ≤ 7V
-10
-
10
µA
TX Low1
0V
≤ VBUS OUT ≤ 20V; 6V ≤ VBATT ≤ 16V;
-0.3V
≤ VTX ≤ 0.8V
-10
-
10
µA
TX Low2
-20V
≤ VBUS OUT < 0V; 9.5V ≤ VBATT ≤ 16V;
-0.3V
≤ VTX ≤ 0.8V
-3000
-
10
µA
With Loss of Ground1 (Note 11)
VGND ≤ VBUS OUT < 20V; 0V ≤ VBATT ≤ 16V;
-0.3V
≤ VTX ≤ 7V; 0V ≤ (VBATT - VGND) ≤ 0.8V
-10
-
10
µA
With Loss of Ground2 (Note 11)
-20V
≤ VBUS OUT ≤ VGND; 0V ≤ VBATT ≤ 16V;
-0.3V
≤ VTX ≤ 7V; 0V ≤ (VBATT - VGND) ≤ 0.8V
-100
-
10
µA
TX to BUS OUT Propagation
Delays
tDTXHBO,
tDTXLBO
RS = 56.2kΩ; VBUS OUT = 3.875V (Note 8)
9
16
23
µs
BUS OUT Transition Times,
Rise and Fall
tr, tf
RS = 56.2kΩ; Measured on BUS OUT between 1.5V
and 6.25V (Note 8)
11
16
19
µs
BUS OUT Noise Rejection
NR
fR = 30Hz to 250kHz; VBATT to BUS OUT
20
-
-
dB
BUS OUT RF Isolation
NI
fI = 0.25MHz to 200MHz; VBATT to BUS OUT
20
-
-
dB
BUS IN
Input Threshold Voltage
VBIH
3.6
-
4.15
V
Input Bias Current
IBIN
-20V
≤ VBUS IN ≤ 20V
-5
-
5
µA
Input Capacitance
CBIN
10
-
20
pF
RX OUTPUT
Output Voltage, Low
VIL
IRX = 1.6mA
0.01
-
0.4
V
Output Current
IRX
VRX = 5V (Note 10)
2
5
8
mA
Output Leakage Current
I RX(LK)
VRX = 5V, RD = 10kΩ; VBUSIN Low
-10
-
10
µA
Receive Propagation Delay
tDRXON,
tDRXOFF
Measured from BUS IN Threshold Voltage
1
-
3
µs
LB EN CMOS/TTL INPUT WITH/PULL DOWN
Input Low Voltage
VIL
-
-
0.8
V
Input High Voltage
VIH
2.0
-
-
V
Input Bias Current
ILB
VLB = 7V; (Note 9)
5
-
12
µA
TX To RX Turn ON, OFF;
Delay In Loop-Back Mode
tDLBON,
tDLBOFF
VLB Low; Toggle TX; Meas. RX
12
-
26
µs
LB EN Turn ON, OFF;
TX to BUS OUT
tD(LH),
tD(HL)
VTX High; Toggle LB EN; Meas. BUS OUT
1
-
10
µs
NOTES:
5. In the operating voltage range from 6V to 8.5V the BUS OUT, VBOH is limited by the low power supply. In the operating voltage range
from 16V to 24V the maximum bus load is limited by the package power dissipation ratings.
6. Over-temperature shutdown with hysteresis is incorporated to protect the IC under system failure conditions.
7. Measured Current into the TX terminal is determined by Pull-Down Current Sink.
8. Propagation Delay limits are measured at the 3.875V level on BUS OUT. Rise and Fall Times are measured between 1.5V and 6.25V on
the BUS OUT terminal.
9. Measured Current into the LB EN terminal is determined by Pull-Down Current Sink.
10. The IRX Output Current test parameter defines Short Circuit protection limits.
11. Loss of Ground refers to loss of module (node) Ground which results in a voltage between the Battery and IC Ground of less than 0.8V.
For voltage between Battery and Ground above 0.8V, the Transceiver Bus Output may become active. The module circuit in Figure 3 is
used to measure the Loss of Ground leakage.
12. Unless otherwise noted, all Electrical Specification test conditions are as shown in Figure 4.
13. The lower limit is 6.6V or VBATT - 1.7V, whichever is less.
Electrical Specifications
9.0V
≤ V
BATT ≤ 16V; RS = 56.2kΩ±1%; except as noted, RBS = 500Ω to 1500Ω and τ =RBSCBS =5µs.
All voltages are measured with respect to ground and the TA Range of -40
oC to 125oC shall not be
exceeded during test unless otherwise specified. For test detail, refer to the Block Diagram, Figures 3
and 4 Test Circuits and Figures 5 and 6 Waveforms. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HIP7020



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com