Electronic Components Datasheet Search
  English  ▼

X  

HIP7020AP Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP7020AP
Description  J1850 Bus Transceiver For Multiplex Wiring Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP7020AP Datasheet(HTML) 1 Page - Intersil Corporation

  HIP7020AP Datasheet HTML 1Page - Intersil Corporation HIP7020AP Datasheet HTML 2Page - Intersil Corporation HIP7020AP Datasheet HTML 3Page - Intersil Corporation HIP7020AP Datasheet HTML 4Page - Intersil Corporation HIP7020AP Datasheet HTML 5Page - Intersil Corporation HIP7020AP Datasheet HTML 6Page - Intersil Corporation HIP7020AP Datasheet HTML 7Page - Intersil Corporation HIP7020AP Datasheet HTML 8Page - Intersil Corporation HIP7020AP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
June 1998
HIP7020
J1850 Bus Transceiver
For Multiplex Wiring Systems
Features
• J1850 Bus Transceiver for MX Wiring
• 5V CMOS/TTL Logic Interface
• Current Controlled Transmitter Driver
• Controlled Rise/Fall Time of Bus Drive for Both
Voltage and Current
• Bus Drive Capability to Less Than 500
Ω with a 5µs
Load RC Time Constant
• Filtered Bus Input Receiver
• Ground Fault Tolerant for Bus Isolation
• Short Circuit and Over Temperature Protection
• Protection for Reverse Battery, Load Dump
and Latch-Up
•
±9kV ESD Protection BUS OUT and BATTERY Pins
• -40oC to 125oC Operating Range
• Loop-Back Fault Detection Mode
• 4x (41.6kHz) Receive Speed
Description
The HIP7020 IC is an Integrated I/O Bus Transceiver
designed for the SAE Standard J1850 Class B Data Com-
munication Network Interface. The Bus transmits and
receives data on a single wire using a 10.4kHz VPWM (Vari-
able Pulse Width Modulated) signal. The HIP7020 serves as
an I/O buffer interfacing to 5V CMOS logic. It is designed to
operate directly from the 12V battery line of an automobile.
The normal Bus voltage swing capability is from 0V to 7.75V
at currents greater than 20mA.
As shown in the Block Diagram, the Transmitter TX Input and
the Receiver RX Output of the Bus Transceiver Circuit inter-
face to the control logic. The TX input signal is wave shaped
for rise time, fall time and amplitude before it is converted
from voltage to current. The Wave Shaper with an external
programming resistor, RS controls the rise and fall time of
the BUS OUT output signal. The current source drive to the
Bus is voltage controlled by the Wave Shaped Voltage Refer-
ence to a maximum limit as specified for the J1850 Bus and
includes short-circuit current limiting.
The HIP7020 Receiver input, BUS IN is connected to the
J1850 Bus through an external resistor, RF and has a trip
point at one-half of the nominal Bus signal voltage which is
3.875V. The Receiver input is filtered to remove high fre-
quency Bus noise by the external resistor and an internal
capacitor. The Receiver Bus signal, after processing, is out-
put at the RX pin by the RX Buffer’s open collector driver.
The RX output is active low and requires an external pull-up
resistor returned to the control logic VCC supply. This pre-
vents power-up of the control logic by the transceiver if VCC
supply voltage is removed.
The HIP7020 has a Loop-Back Enable Mode Switch to
return diagnostic information for the Bus Transceiver node.
For an active low or an open LB EN input, the Trans-
mit/Receive signals are internally “Looped-Back” to provide
aTXto RX return signal path independent of signals on the
Bus. A return path validation indicates proper action of the
Bus Transceiver apart from the J1850 Bus.
Pinout
HIP7020
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HIP7020AB
-40 to 125
8 Ld SOIC
M8.15
HIP7020AP
-40 to 125
8 Ld PDIP
E8.3
BATT
TX
R/F TIME
RX
1
2
3
4
8
7
6
5
GND
BUS OUT
LB EN
BUS IN
File Number
3642.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP7020AP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP7010 INTERSIL-HIP7010 Datasheet
106Kb / 20P
J1850 Byte Level Interface Circuit
1996 08
HIP7010B INTERSIL-HIP7010B Datasheet
106Kb / 20P
J1850 Byte Level Interface Circuit
1996 08
HIP7010P INTERSIL-HIP7010P Datasheet
106Kb / 20P
J1850 Byte Level Interface Circuit
1996 08
HIP7030A0 INTERSIL-HIP7030A0 Datasheet
44Kb / 10P
J1850 8-Bit 68HC05 Microcontroller Emulator Version
1994 04
HIP7030A0M INTERSIL-HIP7030A0M Datasheet
44Kb / 10P
J1850 8-Bit 68HC05 Microcontroller Emulator Version
1994 04
More results

Similar Description - HIP7020AP

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6636B OKI-MSM6636B Datasheet
102Kb / 13P
SAE-J1850 Multiplex Communication Protocol Conformity Transmission Controller for Automotive LAN
logo
NXP Semiconductors
AU5783 PHILIPS-AU5783 Datasheet
115Kb / 14P
J1850/VPW transceiver with supply control function
1999 May 11
logo
Sanyo Semicon Device
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
FM Multiplex Receiver IC for VICS Systems
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72709E SANYO-LC72709E Datasheet
194Kb / 16P
FM Multiplex Reception IC for Mobile Systems
logo
TEMIC Semiconductors
U6057B TEMIC-U6057B Datasheet
87Kb / 9P
Receiver for Point-to-Point Multiplex Systems
logo
NXP Semiconductors
AU5780 PHILIPS-AU5780 Datasheet
74Kb / 10P
SAE/J1850/VPW transceiver
1998 Jun 30
AU5780A PHILIPS-AU5780A Datasheet
83Kb / 12P
SAE/J1850/VPW transceiver
2001 Jun 19
logo
ETAL Group
2-5200-H ETAL-2-5200-H Datasheet
188Kb / 2P
Extra low voltage wiring systems and components
logo
Analog Devices
ADM3051 AD-ADM3051_V01 Datasheet
215Kb / 16P
High Speed Industrial CAN Transceiver with Bus Protection for 24 V Systems
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com