Electronic Components Datasheet Search
  English  ▼

X  

HIP9010 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP9010
Description  Engine Knock Signal Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP9010 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP9010 Datasheet HTML 4Page - Intersil Corporation HIP9010 Datasheet HTML 5Page - Intersil Corporation HIP9010 Datasheet HTML 6Page - Intersil Corporation HIP9010 Datasheet HTML 7Page - Intersil Corporation HIP9010 Datasheet HTML 8Page - Intersil Corporation HIP9010 Datasheet HTML 9Page - Intersil Corporation HIP9010 Datasheet HTML 10Page - Intersil Corporation HIP9010 Datasheet HTML 11Page - Intersil Corporation HIP9010 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
4-8
4. Integrator Time Constant: Defines the Integration Time
Constant for the system. The first 3 bits are used for the
address and the last 5 bits for the value. 110TTTTT
Example: 11000011 would be the integrator time
constant (110 on for the first 3 bits) and an integration
constant of 55
µs (bit value of 3 in Table 2).
5. Test/Channel Select/Channel Attenuate Control: This word
serves several purposes. By looking at the structure,
111TATBTCCSCA, the first 3 bits are used for the address,
and the last 5 bits are used for the value. The options are:
- If CS is “0” channel “0” is selected. If CS is “1” channel “1”
is selected.
- If CA is “0” attenuation applies to the knock filter. If CA is
“1” attenuation applies to the reference filter.
- During the test mode (TEST input is a low level), if TA is “0”
all sections get their input from the output of the
antialiasing filter input. This input can come from either the
output of channel “0” amplifier or channel “1” output
depending upon the state of the CS bit. If TA is “0” the input
amplifiers are powered down. If TA is set to “1” during the
test mode the chip is configured in its normal operating
state, getting inputs to all sections from previous sections.
- Combinations of TA, TB and TC are used to test the
different analog parts of the circuit. Table 1 shows these
combinations. All blocks except for the antialiasing filter are
sampled via the differential to single ended converter in the
test mode.
TABLE 1. SHOWING PROGRAMMING IN THE TEST MODE
TEST
PIN 14
TA
TB
TC
CHS
ANALOG OUTPUT
FROM:
0
0000
Knock Rectifier
0
0001
Reference
0
0010
Knock Filter
0
0011
Reference Filter
0
0100
Antialias Filter(1)
0
0101
Antialias Filter(1)
0
0110
Integrator
0
0111
Integrator
0
1000
Knock Rectifier
0
1001
Reference
0
1010
Knock Filter
0
1011
Reference Filter
0
1100
Antialias Filter(1)
0
1101
Antialias Filter(1)
0
1110
Integrator
0
1111
Integrator
1
xxxx
Integrator
NOTE:
3. All Test function blocks have their outputs buffered by the differential
to single ended converter. Their outputs are available at the
INTOUT pin 4 of the chip. In the case of the antialias filter test
function, the output is taken directly to the INTOUT pin 4 of the chip.
FIGURE 4A. S0IN AND S1IN INPUT CIRCUIT
FIGURE 4B. MISO OUTPUT OF SPI DATA BUS IS AN OPEN
DRAIN TRANSISTOR
FIGURE 4C. TEST PMOS TRANSISTOR HAS EQUIVALENT
CURRENT PULLUP CAPABILITY OF A 50k TO
200k RESISTOR
FIGURE 4D. S0FB, S1FB AND INOUT EQUIVALENT OUTPUT
CIRCUITS
FIGURE 4. INTERFACE CIRCUITS
S0IN
S1IN
TO NEXT STAGE
HALF OF
DIFFERENTIAL
AMPLIFIER
V DD
MISO
11
VDD
TEST
14
TO LOGIC
50
µA
VDD
S0FB S1FB
INOUT
HIP9010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com