Electronic Components Datasheet Search
  English  ▼

X  

ADG779 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG779
Description  SPDT Switch/2:1 Mux in Tiny SC70 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG779 Datasheet(HTML) 1 Page - Analog Devices

  ADG779 Datasheet HTML 1Page - Analog Devices ADG779 Datasheet HTML 2Page - Analog Devices ADG779 Datasheet HTML 3Page - Analog Devices ADG779 Datasheet HTML 4Page - Analog Devices ADG779 Datasheet HTML 5Page - Analog Devices ADG779 Datasheet HTML 6Page - Analog Devices ADG779 Datasheet HTML 7Page - Analog Devices ADG779 Datasheet HTML 8Page - Analog Devices ADG779 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CMOS 1.8 V to 5.5 V, 2.5 Ω
SPDT Switch/2:1 Mux in Tiny SC70 Package
ADG779
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V to 5.5 V single supply
2.5 Ω on resistance
0.75 Ω on-resistance flatness
−3 dB bandwidth >200 MHz
Rail-to-rail operation
6-lead SC70 package
Fast switching times
tON 20 ns
tOFF 6 ns
Typical power consumption (<0.01 μW)
TTL/CMOS compatible
APPLICATIONS
Battery-powered systems
Communication systems
Sample hold systems
Audio signal routing
Video switching
Mechanical reed relay replacements
FUNCTIONAL BLOCK DIAGRAM
IN
ADG779
S2
S1
D
SWITCHES SHOWN FOR
A LOGIC 1 INPUT
Figure 1.
GENERAL DESCRIPTION
The ADG779 is a monolithic CMOS SPDT (single-pole,
double-throw) switch. This switch is designed on a submicron
process that provides low power dissipation yet gives high
switching speed, low on resistance, and low leakage currents.
The ADG779 operates from a single supply range of 1.8 V to
5.5 V, making it ideal for use in battery-powered instruments
and with the new generation of DACs and ADCs from Analog
Devices, Inc.
Each switch of the ADG779 conducts equally well in both
directions when on. The ADG779 exhibits break-before-make
switching action.
Because of the advanced submicron process, −3 dB bandwidth
of greater than 200 MHz can be achieved.
The ADG779 is available in a 6-lead SC70 package.
PRODUCT HIGHLIGHTS
1.
Tiny 6-Lead SC70 Package.
2.
1.8 V to 5.5 V Single-Supply Operation. The ADG779
offers high performance, including low on resistance and
fast switching times, and is fully specified and guaranteed
with 3 V and 5 V supply rails.
3.
Very Low RON (5 Ω max at 5 V, 10 Ω max at 3 V). At 1.8 V
operation, RON is typically 40 Ω over the temperature range.
4.
On-Resistance Flatness (RFLAT (ON)) (0.75 Ω typ).
5.
−3 dB Bandwidth > 200 MHz.
6.
Low Power Dissipation. CMOS construction ensures low
power dissipation.
7.
14 ns Switching Times.


Similar Part No. - ADG779

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG779 AD-ADG779 Datasheet
385Kb / 8P
CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV.0
ADG779BKS AD-ADG779BKS Datasheet
385Kb / 8P
CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV.0
ADG779BKS-R2 AD-ADG779BKS-R2 Datasheet
285Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG779BKS-REEL AD-ADG779BKS-REEL Datasheet
285Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG779BKS-REEL7 AD-ADG779BKS-REEL7 Datasheet
285Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
More results

Similar Description - ADG779

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG779 AD-ADG779 Datasheet
385Kb / 8P
CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV.0
ADG884 AD-ADG884 Datasheet
298Kb / 16P
DUAL 2:1 MUX/SPDT AUDIO SWITCH
6/05-Rev. 0 to Rev. A
ADG849 AD-ADG849 Datasheet
334Kb / 12P
3 V/5 V CMOS 0.5 廓 SPDT/2:1 Mux in SC70
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG849 AD-ADG849_15 Datasheet
348Kb / 12P
SPDT/2:1 Mux in SC70
REV. 0
ADG859 AD-ADG859_15 Datasheet
393Kb / 16P
Switch/2:1 MUX in SOT-66 Package
REV. A
ADG884 AD-ADG884_15 Datasheet
304Kb / 16P
2:1 MUX/SPDT Audio Switch
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com