Electronic Components Datasheet Search
  English  ▼

X  

ADG779 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG779
Description  SPDT Switch/2:1 Mux in Tiny SC70 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG779 Datasheet(HTML) 3 Page - Analog Devices

  ADG779 Datasheet HTML 1Page - Analog Devices ADG779 Datasheet HTML 2Page - Analog Devices ADG779 Datasheet HTML 3Page - Analog Devices ADG779 Datasheet HTML 4Page - Analog Devices ADG779 Datasheet HTML 5Page - Analog Devices ADG779 Datasheet HTML 6Page - Analog Devices ADG779 Datasheet HTML 7Page - Analog Devices ADG779 Datasheet HTML 8Page - Analog Devices ADG779 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADG779
Rev. A | Page 3 of 12
SPECIFICATIONS
VDD = 5 V ± 10%, GND = 0 V1
Table 1.
B Version
Parameter
25°C
−40°C to
+85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
2.5
Ω typ
VS = 0 V to VDD, IS = −10 mA, see Figure 12
5
6
Ω max
On-Resistance Match Between Channels (ΔRON)
0.1
Ω typ
VS = 0 V to VDD, IS = −10 mA
0.8
Ω max
On-Resistance Flatness (RFLAT (ON))
0.75
Ω typ
VS = 0 V to VDD, IS = −10 mA
1.2
Ω max
LEAKAGE CURRENTS2
VDD = 5.5 V
Source Off Leakage IS (Off )
±0.01
±0.05
nA typ
VS = 4.5 V/1 V, VD = 1 V/4.5 V, see Figure 13
Channel On Leakage ID, IS (On)
±0.01
±0.05
nA typ
VS = VD = 1 V, or VS = VD = 4.5 V, see Figure 14
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
DYNAMIC CHARACTERISTICS2
tON
14
ns typ
RL = 300 Ω, CL = 35 pF
20
ns max
VS = 3 V, see Figure 15
tOFF
3
ns typ
RL = 300 Ω, CL = 35 pF
6
ns max
VS = 3 V, see Figure 15
Break-Before-Make Time Delay, tD
8
ns typ
RL = 300 Ω, CL = 35 pF
1
ns min
VS1 = VS2 = 3 V, see Figure 16
Off Isolation
−67
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
−87
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 17
Channel-to-Channel Crosstalk
−62
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
−82
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 18
Bandwidth –3 dB
200
MHz typ
RL = 50 Ω, CL = 5 pF, see Figure 19
CS (Off )
7
pF typ
f = 1 MHz
CD, CS (On)
27
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 5.5 V
Digital Inputs = 0 V or 5 V
IDD
0.001
μA typ
1.0
μA max
1 Temperature range is B Version, −40°C to +85°C.
2 Guaranteed by design, not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com