Electronic Components Datasheet Search
  English  ▼

X  

ADG779 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG779
Description  SPDT Switch/2:1 Mux in Tiny SC70 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG779 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG779 Datasheet HTML 4Page - Analog Devices ADG779 Datasheet HTML 5Page - Analog Devices ADG779 Datasheet HTML 6Page - Analog Devices ADG779 Datasheet HTML 7Page - Analog Devices ADG779 Datasheet HTML 8Page - Analog Devices ADG779 Datasheet HTML 9Page - Analog Devices ADG779 Datasheet HTML 10Page - Analog Devices ADG779 Datasheet HTML 11Page - Analog Devices ADG779 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADG779
Rev. A | Page 10 of 12
TEST CIRCUITS
VS
IDS
RON =V1/IDS
SD
V1
Figure 12. On Resistance
A
A
ID (OFF)
IS (OFF)
VS
VD
SD
Figure 13. Off Leakage
A
ID (ON)
VD
VS
SD
Figure 14. On Leakage
VDD
RL
300Ω
CL
35pF
VDD
0.1µF
IN
GND
S
D
VS
VOUT
50%
50%
90%
90%
tOFF
tON
VIN
VOUT
Figure 15. Switching Times
tD
tD
50%
50%
50%
50%
0V
0V
VIN
VOUT
VDD
RL2
300Ω
CL2
35pF
VDD
0.1µF
IN
S1
GND
S2
D2
D
VS1
VS2
VIN
VOUT
Figure 16. Break-Before-Make Time Delay, tD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com