Electronic Components Datasheet Search
  English  ▼

X  

HSP50215VC Datasheet(PDF) 9 Page - Intersil Corporation

Part # HSP50215VC
Description  Digital UpConverter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50215VC Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HSP50215VC Datasheet HTML 5Page - Intersil Corporation HSP50215VC Datasheet HTML 6Page - Intersil Corporation HSP50215VC Datasheet HTML 7Page - Intersil Corporation HSP50215VC Datasheet HTML 8Page - Intersil Corporation HSP50215VC Datasheet HTML 9Page - Intersil Corporation HSP50215VC Datasheet HTML 10Page - Intersil Corporation HSP50215VC Datasheet HTML 11Page - Intersil Corporation HSP50215VC Datasheet HTML 12Page - Intersil Corporation HSP50215VC Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
3-430
Re-Sampling NCO Application Issues
1. Common clocking of the PUC and PDC:
Note that at a board level, the HSP50214 (PDC) and
HSP50215 (DUC) sample rate NCO’s typically utilize
different clocks. The DUC circuitry is clocked at the master
clock, REFCLK, rate. The PDC output circuitry runs off the
decimated sample rate. If a common sample clock is used
for both parts, then synchronization can be achieved by
scaling and/or truncating the PDC frequency control word to
match the PUC frequency control word. Powers of 2 are
handled by simply truncating the PDC frequency control
word to match the bit width of the DUC frequency control
word. If the PDC decimation factor is not power of 2, then
errors will accumulate.
2. Improving the NCO Accuracy
The Re-Sampler NCO frequency can be adjusted to
maintain phase and frequency lock to a reference clock, if
more accuracy is required.
Interpolation Filter
The Interpolation filter provides sampling rate conversion
from the shaping filter output rate to the final output sample
rate. The nulls in the interpolation filter frequency response
align with the interpolation images of the shaping filter. The
impulse response of the Interpolation filter is shown in
Figures 9A through 9C for an interpolate by 16 filter (the
interpolation ratio, L, is equal to 16). The Interpolation filter
has a pipeline delay of 3 coarse input samples plus 3
REFCLK cycles.
FIGURE 8. RE-SAMPLING NCO BLOCK DIAGRAM
12
30
32
SYNCIN
WR CW3
SAMPLE FREQUENCY
2
ZERO
SHIFTER
IP(1:0)
FINE
PHASE
COARSE
PHASE
SAMPCK
(MSB)
SYNCSEL
EN
† ALL REGISTERS ARE
CLOCKED AT REFLCK
4, 3, OR 2
∑
REG
>
REG
>
REG
<
EnNCO
(CARRIER NCO)
ACC
START
GEN
EDGE
RESET
GEN
EDGE
WR CW21
RST
R
E
G
>
R
E
G
>
FIGURE 9A. INTERPOLATION FILTER IMPULSE RESPONSE
L = 16; FOUT = 4096
FIGURE 9B. INTERPOLATION FILTER IMPULSE RESPONSE
L = 16; FOUT = 4096
FIGURE 9C. INTERPOLATION FILTER IMPULSE RESPONSE
L = 16; FOUT = 4096
0
-20
-40
-60
-80
-100
-120
512
1024
1536
2048
2560
3072
3584
4096
SAMPLE TIMES
INTERPOLATION FILTER RESPONSE
0
-20
-40
-60
-80
-100
-120
64
128
192
256
SAMPLE TIMES
320
384
448
512
INTERPOLATION FILTER RESPONSE
0
-0.05
-0.1
-0.15
-0.2
-0.25
-0.3
-0.35
-0.4
-0.45
-0.5
-0.55
-0.6
-0.65
-0.7
8
16
24324048
56
64
SAMPLE TIMES
INTERPOLATION FILTER RESPONSE
HSP50215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com