Electronic Components Datasheet Search
  English  ▼

X  

HSP50215VC Datasheet(PDF) 14 Page - Intersil Corporation

Part # HSP50215VC
Description  Digital UpConverter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50215VC Datasheet(HTML) 14 Page - Intersil Corporation

Back Button HSP50215VC Datasheet HTML 10Page - Intersil Corporation HSP50215VC Datasheet HTML 11Page - Intersil Corporation HSP50215VC Datasheet HTML 12Page - Intersil Corporation HSP50215VC Datasheet HTML 13Page - Intersil Corporation HSP50215VC Datasheet HTML 14Page - Intersil Corporation HSP50215VC Datasheet HTML 15Page - Intersil Corporation HSP50215VC Datasheet HTML 16Page - Intersil Corporation HSP50215VC Datasheet HTML 17Page - Intersil Corporation HSP50215VC Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
3-435
TABLE 7. Q COEFFICIENT ADDRESSING FOR A 16 TAP INTERPOLATED BY 4 FILTER
DS0
DS1
DS2
DS3
DS4
DS5
DS6
DS7
DS8
DS9
DS10
DS11
DS12
DS13
DS14
DS15
IP0
768 =
D0
784 =
D4
800 =
D8
816 =
D12
832
848
864
880
896
912
928
944
960
976
992
1008
IP1
769 =
D1
785 =
D5
801 =
D9
817 =
D13
833
849
865
881
897
913
929
945
961
977
993
1009
IP2
770 =
D2
786 =
D6
802 =
D10
818 =
D14
834
850
866
882
898
914
930
946
962
978
994
1010
IP3
771 =
D3
787 =
D7
803 =
D11
819 =
D15
835
851
867
883
899
915
931
947
963
979
995
1011
IP4
772
788
804
820
836
852
868
884
900
916
932
948
964
980
996
1012
IP5
773
789
805
821
837
853
869
885
901
917
933
949
965
981
997
1013
IP6
774
790
806
822
838
854
870
886
902
918
934
950
966
982
998
1014
IP7
775
791
807
823
839
855
871
887
903
919
935
951
967
983
999
1015
IP8
776
792
808
824
840
856
872
888
904
920
936
952
968
984
1000
1016
IP9
777
793
809
825
841
857
873
889
905
921
937
953
969
985
1001
1017
IP10
778
794
810
826
842
858
874
890
906
922
938
954
970
986
1002
1018
IP11
779
795
811
827
843
859
875
891
907
923
939
955
971
987
1003
1019
IP12
780
796
812
828
844
860
876
892
908
924
940
956
972
988
1004
1020
IP13
781
797
813
829
845
861
877
893
909
925
941
957
973
989
1005
1021
IP14
782
798
814
830
846
862
878
894
910
926
942
958
974
990
1006
1022
IP15
783
799
815
831
847
863
879
895
911
927
943
959
975
991
1007
1023
TABLE 8. READ ADDRESS MAP FOR MICRO PROCESSOR INTERFACE
A4
A2
A1
A0
DESCRIPTION
0
X
0
0
Carrier Center Frequency: CF(31:16)
0
X
0
1
Carrier Center Frequency: CF(15:0)
0
X
1
0
Re-Sampler Center Frequency: SF(29:16)
0
X
1
1
Re-Sampler Center Frequency: SF(15:0)
1000
Modulation Control: En Out bit 3; Mod(2:0)
1001
Gain Control: OUTGAIN(7:0)
1010
FIFO Control: FIFO Ready bit 5; I FIFO Empty bit 4; Q FIFO Empty bit 3; RTH(2:0)
1011
Poly-Phase Control: DS(3:0) = b5-2; IP(1:0)
1
1
0
X
EnNCO
1110
Sync Control: Ext Sync Polarity bit 1; Sync Sel bit 0
1111
Test Control
FIFO Ready is the logical inverse of the FIFORDY output. I and Q FIFO empty bits are the output of a “zero” state detector operating on the
address bus for the respective FIFO.
NOTE: See Table 8 for valid Read Addresses.
FIGURE 15. TYPICAL READ SEQUENCE
WR
RD
DON’T CARE
A(9:0)
C(15:0)
HI-Z
READ
HI-Z
READ
READ
READ
HI-Z
HI-Z
HI-Z
1000
1001
1010
1011
HSP50215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com