Electronic Components Datasheet Search
  English  ▼

X  

HSP50215VC Datasheet(PDF) 1 Page - Intersil Corporation

Part # HSP50215VC
Description  Digital UpConverter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50215VC Datasheet(HTML) 1 Page - Intersil Corporation

  HSP50215VC Datasheet HTML 1Page - Intersil Corporation HSP50215VC Datasheet HTML 2Page - Intersil Corporation HSP50215VC Datasheet HTML 3Page - Intersil Corporation HSP50215VC Datasheet HTML 4Page - Intersil Corporation HSP50215VC Datasheet HTML 5Page - Intersil Corporation HSP50215VC Datasheet HTML 6Page - Intersil Corporation HSP50215VC Datasheet HTML 7Page - Intersil Corporation HSP50215VC Datasheet HTML 8Page - Intersil Corporation HSP50215VC Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
3-422
HSP50215
Digital UpConverter
The HSP50215 Digital UpConverter (DUC) is a QASK/FM
modulator/FDM upconverter designed for high dynamic range
applications such as cellular basestations. The DUC combines
shaping and interpolation filters, a complex modulator, and
Timing and Carrier NCO’s into a single package. Each DUC
can create a single FDM channel. Multiple DUC’s can be
cascaded digitally for multi-channel applications.
The HSP50215 supports both vector and FM modulation. In
vector modulation mode, the DUC accepts 16-bit I and Q
samples to generate virtually any quadrature AM or PM
modulation format. The DUC also has two FM modulation
modes. In the FM with pulse shaping mode, the 16-bit
frequency samples are pulse shaped/bandlimited prior to FM
modulation. No bandlimiting filter follows the FM modulator.
This FM mode is useful for GMSK type modulation formats. In
the FM with bandlimiting filter mode, the 16-bit frequency
samples directly drive the FM modulator. The FM modulator
output is filtered to limit the spectral occupancy. This FM mode
is useful for analog FM or FSK modulation formats.
The DUC includes an NCO driven interpolation filter, which
allows the input and output sample rate to have a non-
integer or variable relationship. This re-sampling feature
simplifies cascading modulators with sample rates that do
not have harmonic or integer frequency relationships.
The DUC offers digital output spectral purity that exceeds
85dB at the maximum output sample rate of 52 MSPS, for
input sample rates as high as 300 KSPS.
A 16-bit microprocessor compatible interface is used to load
configuration and baseband data. A programmable FIFO depth
interrupt simplifies the interface to the I and Q input FIFOs.
Features
• Output Sample Rates Up to 52 MSPS (48 MSPS
Industrial); Input Data Rates Up to 3.25 MSPS
• I/Q Vector, FM, and Shaped FM Modulation Formats
• 32-Bit Programmable Carrier NCO; 30-Bit Programmable
Symbol Timing NCO
• Programmable I and Q, 256 Tap, Shaping FIR Filters with
Interpolation by 4, 8 or 16
• Interpolation Filter Up Samples Shaping Filter Output to
Output Sample Rate Under NCO Control
• Processing Capable of >90dB SFDR
• Cascade Input for Multiple Channel Transmissions
• 16-Bit
µProcessor Interface for Configuration and User
Data Input
Applications
• Single or Multiple Channel Digital Software Radio
Transmitters (Wide-Band or Narrow-Band)
• Base Station Transceivers
• Operates with HSP50214 in Software Radio Solutions
• Compatible with the HI5741 D/A Converter
• HSP50215EVAL Evaluation Board Available
Block Diagram
Ordering Information
PART
NUMBER
TEMP
RANGE (oC)
PACKAGE
PKG. NO
HSP50215VC
0 to 70
100 Ld MQFP
Q100 .14x20
HSP50215VI
-40 to 85
s100 Ld MQFP Q100 .14x20
FM
GAIN
NCO
SAMPCLK
CONTROL
C(15:0)
FIFORDY
MOD
RST
MUX
IFM
Q FM
IFIFO
QFIFO
REFCLK
CTRL
+
CAS(15:0)
OE
OUT(15:0)
† =
µP CONTROL SIGNALS
IIN(15:0)
†
QIN(15:0)
†
CF(31:0)
†
IIN(15:0)
†
QIN(15:0)
†
SF(29:0)
†
CF(31:0)
†
A(9:0)
WR
RD
CE
+
CASZ
OFM
SYNCIN
SYNCOUT
NCO
Data Sheet
January 1999
File Number
4346.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HSP50215VC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50215 INTERSIL-HSP50215 Datasheet
882Kb / 45P
DSP Modulator Evaluation Board
1999 01
HSP50215EVAL INTERSIL-HSP50215EVAL Datasheet
882Kb / 45P
DSP Modulator Evaluation Board
1999 01
More results

Similar Description - HSP50215VC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9856 AD-AD9856 Datasheet
429Kb / 32P
CMOS 200 MHz Quadrature Digital Upconverter
REV.B
logo
Texas Instruments
GC5316 TI-GC5316 Datasheet
798Kb / 75P
HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
GC5318 TI-GC5318 Datasheet
553Kb / 45P
HIGH-DENSITY DIGITAL UPCONVERTER
logo
Analog Devices
AD9857 AD-AD9857_04 Datasheet
1Mb / 40P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
logo
Texas Instruments
GC5316 TI1-GC5316_14 Datasheet
796Kb / 76P
HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
logo
Analog Devices
AD9856 AD-AD9856_15 Datasheet
966Kb / 36P
CMOS 200 MHz Quadrature Digital Upconverter
REV. C
AD9856 AD-AD9856_17 Datasheet
749Kb / 37P
CMOS 200 MHz Quadrature Digital Upconverter
23-Feb-2017
AD9957 AD-AD9957_17 Datasheet
1Mb / 62P
1 GSPS Quadrature Digital Upconverter
05/05/2017
AD9163 AD-AD9163_17 Datasheet
2Mb / 126P
RF DAC and Digital Upconverter
7/2017-Rev. B to Rev. C
AD9957 AD-AD9957_18 Datasheet
1Mb / 61P
1 GSPS Quadrature Digital Upconverter
4/2018-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com