Electronic Components Datasheet Search
  English  ▼

X  

PS9924 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS9924
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9924 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS9924 Datasheet HTML 1Page - Renesas Technology Corp PS9924 Datasheet HTML 2Page - Renesas Technology Corp PS9924 Datasheet HTML 3Page - Renesas Technology Corp PS9924 Datasheet HTML 4Page - Renesas Technology Corp PS9924 Datasheet HTML 5Page - Renesas Technology Corp PS9924 Datasheet HTML 6Page - Renesas Technology Corp PS9924 Datasheet HTML 7Page - Renesas Technology Corp PS9924 Datasheet HTML 8Page - Renesas Technology Corp PS9924 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PS9924
Chapter Title
R08DS0059EJ0100 Rev.1.00
Page 4 of 14
Jun 28, 2013
ORDERING INFORMATION
Part Number
Order Number
Solder
Plating
Specification
Packing Style
Safety Standard
Approval
Application
Part
Number
*1
PS9924
PS9924-Y-AX
10 pcs (Tape 10 pcs cut)
Embossed Tape 1 000
PS9924-F3
PS9924-Y-F3-AX
pcs/reel
Standard products
(UL, CSA, SEMKO
approved)
PS9924-V
PS9924-Y-V-AX
10 pcs (Tape 10 pcs cut)
Embossed Tape 1 000
PS9924-V-F3
PS9924-Y-V-F3-AX
Pb-Free and
Halogen Free
(Ni/Pd/Au)
pcs/reel
DIN EN 60747-5-5
(VDE 0884-5)
approved (Option)
PS9924
Note: *1. For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
IF
25
mA
Reverse Voltage
VR
5
V
Power Dissipation
*1
PD
45
mW
Detector
Supply Voltage
VCC
7
V
Output Voltage
VO
7
V
Output Current
IO
25
mA
Power Dissipation
*2
PC
250
mW
Isolation Voltage
*3
BV
7 500
Vr.m.s.
Operating Ambient Temperature
TA
−40 to +110
°C
Storage Temperature
Tstg
−55 to +125
°C
Notes: *1. Reduced to 0.8 mW/
°C at TA = 85°C or more.
*2. Reduced to 5.2 mW/
°C at TA = 85°C or more.
*3 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output.
Pins 1-4 shorted together, 5-8 shorted together.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Low Level Forward Voltage
VF(OFF)
−2
0.8
V
High Level Forward Current
IF(ON)
8
10
12
mA
Supply Voltage
VCC
2.7
5.5
V
Pull-up Resistor
RL
330
4k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com