Electronic Components Datasheet Search
  English  ▼

X  

PS9924 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PS9924
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9924 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PS9924 Datasheet HTML 3Page - Renesas Technology Corp PS9924 Datasheet HTML 4Page - Renesas Technology Corp PS9924 Datasheet HTML 5Page - Renesas Technology Corp PS9924 Datasheet HTML 6Page - Renesas Technology Corp PS9924 Datasheet HTML 7Page - Renesas Technology Corp PS9924 Datasheet HTML 8Page - Renesas Technology Corp PS9924 Datasheet HTML 9Page - Renesas Technology Corp PS9924 Datasheet HTML 10Page - Renesas Technology Corp PS9924 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PS9924
Chapter Title
R08DS0059EJ0100 Rev.1.00
Page 7 of 14
Jun 28, 2013
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
Ambient Temperature TA (
°C)
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
25
50
75
125
100
0
50
45
40
35
30
25
20
15
10
5
25
50
75
100
125
110
0
300
250
200
150
100
50
Forward Current IF (mA)
OUTPUT VOLTAGE vs.
FORWARD CURRENT
1
02
4
35
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Forward Voltage VF (V)
1.0
0.01
0.1
1
10
100
1.2
2.0
+110
°C
+100
°C
+85
°C
+50
°C
+25
°C
−20°C
−40°C
110
0
1.4
1.6
1.8
Ambient Temperature TA (
°C)
−25
0
25
50
100
75
−50
10
8
2
0
125
ICCL (IF = 10 mA), VCC = 5.5 V
4
6
ICCL (IF = 10 mA), VCC = 3.3 V
ICCH (IF = 0 mA), VCC = 3.3 V
ICCH (IF = 0 mA), VCC = 5.5 V
Forward Current IF (mA)
OUTPUT VOLTAGE vs.
FORWARD CURRENT
1
02
4
35
6
5
4
3
2
1
0
VCC = 5.5 V
VCC = 3.3 V
FORWARD CURRENT vs.
FORWARD VOLTAGE
DETECTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
RL = 350
Ω
RL = 1.0 k
Ω
RL = 4.0 k
Ω
RL = 350
Ω
RL = 1.0 k
Ω
RL = 4.0 k
Ω
Remark The graphs indicate nominal characteristics.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com