Electronic Components Datasheet Search
  English  ▼

X  

PS9924 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS9924
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9924 Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS9924 Datasheet HTML 1Page - Renesas Technology Corp PS9924 Datasheet HTML 2Page - Renesas Technology Corp PS9924 Datasheet HTML 3Page - Renesas Technology Corp PS9924 Datasheet HTML 4Page - Renesas Technology Corp PS9924 Datasheet HTML 5Page - Renesas Technology Corp PS9924 Datasheet HTML 6Page - Renesas Technology Corp PS9924 Datasheet HTML 7Page - Renesas Technology Corp PS9924 Datasheet HTML 8Page - Renesas Technology Corp PS9924 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PS9924
Chapter Title
R08DS0059EJ0100 Rev.1.00
Page 5 of 14
Jun 28, 2013
ELECTRICAL CHARACTERISTICS (TA =
−40 to +110°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.3
1.56
1.8
V
Reverse Current
IR
VR = 3 V, TA = 25
°C
10
μA
Terminal Capacitance
Ct
f = 1 MHz, VF = 0 V, TA = 25
°C
30
pF
Detector
VCC = VO = 3.3 V, VF = 0.8 V
1
80
High Level Output Current
IOH
VCC = VO = 5.5 V, VF = 0.8 V
1
100
μA
VCC = 3.3 V, IF = 10 mA,
IOL = 13 mA
Low Level Output Voltage
VOL
VCC = 5.5 V, IF = 10 mA,
IOL = 13 mA
0.2
0.6
V
VCC = 3.3 V, IF = 0 mA,
VO = open
2
7
High Level Supply Current
ICCH
VCC = 5.5 V, IF = 0 mA,
VO = open
3
7
mA
VCC = 3.3 V, IF = 10 mA,
VO = open
4
10
Low Level Supply Current
ICCL
VCC = 5.5 V, IF = 10 mA,
VO = open
5
10
mA
VCC = 3.3 V, RL = 350
Ω,
VO = 0.8 V
Coupled
Threshold Input Voltage
(H
→ L)
IFHL
VCC = 5.0 V, RL = 350
Ω,
VO = 0.8 V
2
5
mA
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%
10
11
Ω
Isolation Capacitance
CI-O
VI-O = 0 V, f = 1 MHz,
TA = 25
°C
1.0
pF
TA = 25
°C
45
75
VCC = 3.3 V,
IF = 10 mA,
RL = 350
Ω,
CL = 15 pF
TA =
−40°Cto
110
°C
100
TA = 25
°C
45
75
Propagation Delay Time
(H
→ L)
*2
tPHL
VCC = 5 V,
IF = 10 mA,
RL = 350
Ω,
CL = 15 pF
TA =
−40°Cto
110
°C
100
ns
TA = 25
°C
40
75
VCC = 3.3 V,
IF = 10 mA,
RL = 350
Ω,
CL = 15 pF
TA =
−40°C to
110
°C
100
TA = 25
°C
40
75
Propagation Delay Time
(L
→ H)
*2
tPLH
VCC = 5 V,
IF = 10 mA,
RL = 350
Ω,
CL = 15 pF
TA =
−40°Cto
110
°C
100
ns
Pulse Width Distortion
(PWD)
*2
⏐tPHL-tPLH⏐
5
35
Propagation Delay
Skew
*2
tpsk
40
Rise Time
*2
tr
20
Fall Time
*2
tf
VCC = 3.3/5 V, IF = 10 mA,
RL = 350
Ω, CL = 15 pF
5
ns
Common Mode
Transient Immunity at
High Level Output
*3
CMH
VCC = 3.3/5 V, IF = 0 mA,
VO > 2 V, RL = 350
Ω,
VCM = 1 kV, TA = 25
°C
15
20
kV/
μs
Common Mode
Transient Immunity at
Low Level Output
*3
CML
VCC = 3.3/5 V, IF = 10 mA,
VO < 0.8 V, RL = 350
Ω,
VCM = 1 kV, TA = 25
°C
15
20
kV/
μs
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com