Electronic Components Datasheet Search
  English  ▼

X  

ICM7212AMLPL Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICM7212AMLPL
Description  4-Digit, ICM7211 (LCD) and ICM7212 (LED) Display Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7212AMLPL Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ICM7212AMLPL Datasheet HTML 2Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 3Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 4Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 5Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 6Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 7Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 8Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 9Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
9-11
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VDD - VSS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5V
Input Voltage (Any Terminal) (Note 1) . . VSS - 0.3V to VDD, + 0.3V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 2)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
60
MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
80
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering, 10s) . . . . . . . . . . . . 300oC
(MQFP - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Due to the SCR structure inherent in the CMOS process, connecting any terminal to voltages greater than VDD or less than VSS may
cause destructive device latchup. For this reason, it is recommended that no inputs from external sources not operating on the same
power supply be applied to the device before its supply is established, and that in multiple supply systems, the supply to the ICM7211
and ICM7212 be turned on first.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICM7211 CHARACTERISTICS (LCD) VDD = 5V ±10%, TA = 25
oC, V
SS = 0V Unless Otherwise Specified
Operating Supply Voltage Range (VDD - VSS), VSUPPLY
356
V
Operating Current, IDD
Test circuit, Display blank
-
10
50
µA
Oscillator Input Current, IOSCI
Pin 36
-
±2
±10
µA
Segment Rise/Fall Time, tr, tf
CL = 200pF
-
0.5
-
µs
Backplane Rise/Fall Time, tr, tf
CL = 5000pF
-
1.5
-
µs
Oscillator Frequency, fOSC
Pin 36 Floating
-
19
-
kHz
Backplane Frequency, fBP
Pin 36 Floating
-
150
-
Hz
ICM7212 CHARACTERISTICS (Common Anode LED)
Operating Supply Voltage Range (VDD - VSS), VSUPPLY
456
V
Operating Current Display Off, ISTBY
Pin 5 (Brightness), Pins 27-34 VSS
-10
50
µA
Operating Current, IDD
Pin 5 at VDD, Display all 8’s
-
200
-
mA
Segment Leakage Current, ISLK
Segment Off
-
±0.01
±1
µA
Segment On Current, ISEG
Segment On, VO = +3V
5
8
-
mA
INPUT CHARACTERISTICS (ICM7211 and ICM7212)
Logical “1” Input Voltage, VIH
4-
-
V
Logical “0” Input Voltage, VIL
--
1
V
Input Leakage Current, IILK
Pins 27-34
-
±0.01
±1
µA
Input Capacitance, ClN
Pins 27-34
-
5
pF
BP/Brightness Input Leakage, IBPLK
Measured at Pin 5 with Pin 36 at VSS
-
±0.01
±1
µA
BP/Brightness Input Capacitance, CBPI
All Devices
-
200
-
pF
AC CHARACTERISTICS - MULTIPLEXED INPUT CONFIGURATION
Digit Select Active Pulse Width, tWH
Refer to Timing Diagrams
1
-
-
µs
Data Setup Time, tDS
500
-
-
ns
Data Hold Time, tDH
200
-
-
ns
Inter-Digit Select Time, tIDS
2-
-
µs
AC CHARACTERISTICS - MICROPROCESSOR INTERFACE
Chip Select Active Pulse Width, tWL
Other Chip Select Either Held Active,
or Both Driven Together
200
-
-
ns
Data Setup Time, tDS
100
-
-
ns
Data Hold Time, tDH
10
0
-
ns
Inter-Chip Select Time, tICS
2-
-
µs
ICM7211, ICM7212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com