Electronic Components Datasheet Search
  English  ▼

X  

ICM7212AMLPL Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICM7212AMLPL
Description  4-Digit, ICM7211 (LCD) and ICM7212 (LED) Display Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7212AMLPL Datasheet(HTML) 1 Page - Intersil Corporation

  ICM7212AMLPL Datasheet HTML 1Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 2Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 3Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 4Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 5Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 6Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 7Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 8Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
9-6
August 1997
ICM7211, ICM7212
4-Digit, ICM7211 (LCD) and
ICM7212 (LED) Display Drivers
Features ICM7211 (LCD)
• Four Digit Non-Multiplexed 7 Segment LCD Display
Outputs with Backplane Driver
• Complete Onboard RC Oscillator to Generate Backplane
Frequency
• Backplane Input/Output Allows Simple Synchronization
of Slave-Devices to a Master
• ICM7211 Devices Provide Separate Digit Select Inputs to
Accept Multiplexed BCD Input (Pinout and Functionally
Compatible with Siliconix DF411)
• ICM7211M Devices Provide Data and Digit Address
Latches Controlled by Chip Select Inputs to Provide a
Direct High Speed Processor Interface
• ICM7211 Decodes Binary to Hexadecimal; ICM7211A
Decodes Binary to Code B (0-9, Dash, E, H, L, P, Blank)
• ICM7211A Available in Surface Mount Package
Features ICM7212AM (LED)
• 28 Current-Limited Segment Outputs Provide 4-Digit
Non-Multiplexed Direct LED Drive at >5mA Per Segment
• Brightness Input Allows Direct Control of LED
Segment Current with a Single Potentiometer or
Digitally as a Display Enable
• ICM7212AM Device Provides Same Input Configuration
and Output Decoding Options as the ICM7211AM
Description
The ICM7211 (LCD) and ICM7212 (LED) devices constitute
a family of non-multiplexed four-digit seven-segment CMOS
display decoder-drivers.
The ICM7211 devices are configured to drive conventional
LCD displays by providing a complete RC oscillator, divider
chain, backplane driver, and 28 segment outputs.
The ICM7212 devices are configured to drive common-
anode LED displays, providing 28 current-controlled, low
leakage, open-drain N-Channel outputs. These devices
provide a brightness input, which may be used at normal
logic levels as a display enable, or with a potentiometer as a
continuous display brightness control.
These devices are available with multiplexed or microproces-
sor input configurations. The multiplexed versions provide four
data inputs and four Digit Select inputs. This configuration is
suitable for interfacing with multiplexed BCD or binary output
devices, such as the ICM7217, ICM7226, and ICL7135. The
microprocessor versions provide data input latches and Digit
Address latches under control of high-speed Chip Select
inputs. These devices simplify the task of implementing a
cost-effective alphanumeric seven-segment display for micro-
processor systems, without requiring extensive ROM or CPU
time for decoding and display updating.
The standard devices will provide two different decoder
configurations. The basic device will decode the four bit
binary inputs into a seven-segment alphanumeric hexadeci-
mal output. The “A” versions will provide the “Code B” output
code, i.e., 0-9, dash, E, H, L, P, blank. Either device will cor-
rectly decode true BCD to seven-segment decimal outputs.
Ordering Information
PART NUMBER
DISPLAY
TYPE
DISPLAY
DECODING
INPUT
INTERFACING
DISPLAY DRIVE
TYPE
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
ICM7211lPL
LCD
Hexadecimal
Multiplexed
Direct Drive
-40 to 85
40 Ld PDIP
E40.6
ICM7211MlPL
LCD
Hexadecimal
Microprocessor
Direct Drive
-40 to 85
40 Ld PDIP
E40.6
ICM7211AlPL
LCD
Code B
Multiplexed
Direct Drive
-40 to 85
40 Ld PDIP
E40.6
ICM7211AMlPL
LCD
Code B
Microprocessor
Direct Drive
-40 to 85
40 Ld PDIP
E40.6
ICM7211AlM44
LCD
Code B
Multiplexed
Direct Drive
-40 to 85
44 Ld MQFP
Q44.10x10
ICM7211AMlM44
LCD
Code B
Microprocessor
Direct Drive
-40 to 85
44 Ld MQFP
Q44.10x10
ICM7212AMlPL
LED
Code B
Microprocessor
Common Anode
-40 to 85
40 Ld PDIP
E40.6
File Number
3158.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - ICM7212AMLPL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7212AM MAXIM-ICM7212AM Datasheet
668Kb / 16P
Four Digit Display Decoder/Drivers
19-959; Rev 1; 11/89
ICM7212AM MAXIM-ICM7212AM Datasheet
8Mb / 16P
Four Digit Display Decoder/Drivers
Rev 2; 11/05
logo
Intersil Corporation
ICM7212AMIPL INTERSIL-ICM7212AMIPL Datasheet
4Mb / 162P
TIMERS COUNTERS AND DISPLAY DRIVERS
logo
Maxim Integrated Produc...
ICM7212AMIPL MAXIM-ICM7212AMIPL Datasheet
8Mb / 16P
Four Digit Display Decoder/Driver
REV 2; 11/05
ICM7212AMIQ MAXIM-ICM7212AMIQ Datasheet
8Mb / 16P
Four Digit Display Decoder/Driver
REV 2; 11/05
More results

Similar Description - ICM7212AMLPL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75821E SANYO-LC75821E Datasheet
143Kb / 10P
LCD Display Drivers
LC75822E SANYO-LC75822E Datasheet
128Kb / 10P
LCD Display Drivers?
logo
Intersil Corporation
ICM7211AM INTERSIL-ICM7211AM Datasheet
258Kb / 7P
4-Digit, LCD Display Driver
November 16, 2004
ICM7211A INTERSIL-ICM7211A Datasheet
162Kb / 9P
4-Digit, LCD Display Driver
logo
ams AG
AS1106 AMSCO-AS1106 Datasheet
698Kb / 20P
8-Digit LED Display Drivers
logo
Intersil Corporation
ICM7211AM INTERSIL-ICM7211AM_06 Datasheet
204Kb / 8P
4-Digit, LCD Display Driver
April 17, 2006
logo
ams AG
AS1106 AMSCO-AS1106_1 Datasheet
656Kb / 20P
8-Digit LED Display Drivers
AS1106 AMSCO-AS1106_04 Datasheet
1Mb / 22P
8-Digit LED Display Drivers
logo
Intersil Corporation
ICM7211AMlM44 INTERSIL-ICM7211AMlM44 Datasheet
223Kb / 9P
4-Digit, LCD Display Driver
October 22, 2015
logo
Renesas Technology Corp
ICM7211AM RENESAS-ICM7211AM Datasheet
459Kb / 9P
4-Digit, LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com