Electronic Components Datasheet Search
  English  ▼

X  

ICM7212AMLPL Datasheet(PDF) 12 Page - Intersil Corporation

Part # ICM7212AMLPL
Description  4-Digit, ICM7211 (LCD) and ICM7212 (LED) Display Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7212AMLPL Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ICM7212AMLPL Datasheet HTML 4Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 5Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 6Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 7Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 8Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 9Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 10Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 11Page - Intersil Corporation ICM7212AMLPL Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
9-17
FIGURE 13. 80C48 MICROPROCESSOR INTERFACE
Typical Applications (Continued)
28
40
39 T1
P27 38
37
36
35
P17 34
33
32
31
30
29
P10 27
26
PROG
22
24
23
P20 21
80C48
µCOMPUTER
2 XTAL1
13
3 XTAL2
4 RESET
5 SS
6 INT
7 EA
RD
DB0 12
14
15
16
17
18
19
20
1 TO
PSEN
ALE
VCC VDD
VSS
11
9
25
DB7
10
8
27 28 29 30
CS2
36 OSC
35 VSS
1 VDD
+5V
8 DIGIT
LCD DISPLAY
SEGMENTS
HIGH ORDER DIGITS
ICM7211M
INPUT
NC
+5V
I/O
I/O
DS1 DS2 CS1
31
32
33
34
DATA
2, 3, 4
BP 5
37-40
6-26
B0-B3
29
28
27
30
CS2
36 OSC
35 VSS
1 VDD
+5V
SEGMENTS
LOW ORDER DIGITS
ICM7211M
DS1 DS2 CS1
31
32
33
34
DATA
2, 3, 4
BP 5
37-40
6-26
B0-B3
WR
ICM7211, ICM7212
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com