Electronic Components Datasheet Search
  English  ▼

X  

IRF520 Datasheet(PDF) 4 Page - Intersil Corporation

Part # IRF520
Description  9.2A, 100V, 0.270 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF520 Datasheet(HTML) 4 Page - Intersil Corporation

  IRF520 Datasheet HTML 1Page - Intersil Corporation IRF520 Datasheet HTML 2Page - Intersil Corporation IRF520 Datasheet HTML 3Page - Intersil Corporation IRF520 Datasheet HTML 4Page - Intersil Corporation IRF520 Datasheet HTML 5Page - Intersil Corporation IRF520 Datasheet HTML 6Page - Intersil Corporation IRF520 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-175
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
100
10
1
1000
1
10
100
0.1
VDS, DRAIN TO SOURCE VOLTAGE (V)
TC = 25
oC
TJ = MAX RATED
SINGLE PULSE
10
µs
100
µs
1ms
10ms
OPERATION IN THIS
AREA IS LIMITED
BY rDS(ON)
10V
VDS, DRAIN TO SOURCE VOLTAGE (V)
20
050
15
12
9
0
6
VGS = 7V
3
30
VGS = 6V
VGS = 8V
PULSE DURATION = 80
µs
10
40
VGS = 5V
VGS = 4V
DUTY CYCLE = 0.5% MAX
15
12
9
0
6
12
3
4
05
VDS, DRAIN TO SOURCE VOLTAGE (V)
3
VGS = 6V
VGS = 5V
VGS = 4V
VGS = 7V
VGS = 8V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
102
0.1
24
6
8
0
VGS, GATE TO SOURCE VOLTAGE (V)
1
10
10
175oC
25oC
VDS ≥ 50V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
16
32
040
2.5
2.0
1.5
0
1.0
PULSE DURATION = 80
µs
824
0.5
VGS = 10V
VGS = 20V
DUTY CYCLE = 0.5% MAX
3.0
1.8
0.6
060
-60
TJ, JUNCTION TEMPERATURE (
oC)
2.4
1.2
0
-40
-20
20
40
80
100
140
120
160 180
ID = 9.2A, VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
IRF520



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com